Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICTE-5 Datasheet (PDF) - MDE Semiconductor, Inc.

ICTE-5 Datasheet PDF - MDE Semiconductor, Inc.
Part # ICTE-5
Download  ICTE-5 Download

File Size   42.0 Kbytes
Page   2 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

ICTE-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICTE-5 Datasheet PDF - MDE Semiconductor, Inc.

Part # ICTE-5
Download  ICTE-5 Click to download

File Size   42.0 Kbytes
Page   2 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

ICTE-5 Datasheet (HTML) - MDE Semiconductor, Inc.

ICTE-5 Datasheet HTML 1Page - MDE Semiconductor, Inc. ICTE-5 Datasheet HTML 2Page - MDE Semiconductor, Inc.

ICTE-5 Product details

STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94 V-O
• Glass passivated chip junction in Molded Plastic package
• 1500W surge capability at 1ms
• Excellent clamping capability
• Low zener inpedance
• Fast response time: typically less than
   1.0 ps from 0 volts to BV min.
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed:
   250°C/10 seconds/ .375", (9.5mm) lead
   length, 5lbs., (2.3kg) tension
• Includes 1N6373 thru 1N6385



Similar Part No. - ICTE-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICTE-5 ETC-ICTE-5 Datasheet
118Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSORS FOR MICROPROCESSOR PROTECTION
logo
Microsemi Corporation
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
ON Semiconductor
ICTE-5 ONSEMI-ICTE-5 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Vishay Siliconix
ICTE-5 VISHAY-ICTE-5 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Digitron Semiconductors
ICTE-5 DIGITRON-ICTE-5 Datasheet
218Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - ICTE-5

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com