![]() |
Electronic Components Datasheet Search |
|
AIC1384 Datasheet (PDF) - Analog Intergrations Corporation |
AIC1384 Datasheet (HTML) - Analog Intergrations Corporation |
AIC1384 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | AIC1384 |
Download | AIC1384 Click to view |
File Size | 448.81 Kbytes |
Page | 15 Pages |
Maker | AIC [Analog Intergrations Corporation] |
Homepage | http://www.analog.com.tw |
Logo | |
Description | DDR Termination Regulator |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
UR5595 | DDR TERMINATION REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
RT9005A | DDR VDDQ and Termination Voltage Regulator | 1 2 3 4 5 More | Richtek Technology Corporation |
SC2596 | Low Voltage Integrated DDR Termination Regulator | 1 2 3 4 5 More | Semtech Corporation |
AP2301 | 1.5A DDR TERMINATION REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
AP2302 | 3A DDR TERMINATION REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
SC2595 | Integrated Linear DDR Termination Regulator | 1 2 3 4 5 More | Semtech Corporation |
AP2302L_06 | 2A DDR TERMINATION REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
TPS51100_07 | 3-A SINK/SOURCE DDR TERMINATION REGULATOR | 1 2 3 4 5 More | Texas Instruments |
TPS5110 | 3-A SINK/ SOURCE DDR TERMINATION REGULATOR | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |