Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4373 Datasheet (PDF) - Asahi Kasei Microsystems

AKD4373 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD4373
Download  AKD4373 Download

File Size   1126.9 Kbytes
Page   98 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power Stereo DAC with HP/SPK-Amp

AKD4373 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD4373 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD4373
Download  AKD4373 Click to download

File Size   1126.9 Kbytes
Page   98 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power Stereo DAC with HP/SPK-Amp

AKD4373 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AKD4373 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4373 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AKD4373 Product details

GENERAL DESCRIPTION
The AK4373 is a low power stereo 24bit DAC with an integrated stereo headphone amplifier and a monaural speaker driver. It can be used for a variety of portable audio and media player applications, including game consoles, dedicated headphone drivers, personal navigation devices, and portable media players. The output drivers can be configured for three unique use cases: mono speaker driver or single-ended ac-coupled headphones which can be used as stereo line-out, DC-coupled BTL headphones and Pseudo Cap-less. The AK4373 operates off of a low-voltage power supply, ranging from 2.2V to 3.6V. The output amplifiers operate at up to 4.0V of the headphone power supply. The device is packaged in a space-saving 32-pin QFN package.

FEATURES
□ Sampling Rate: 8 kHz ∼ 48 kHz
□ 8-times Over sampling Digital Filter
□ SCF with high tolerance to clock jitter
□ Stereo Headphone Amplifier 65mW output (Single-ended mode) into 16Ω 3.3V SNR: 96dB 130mW output (Differential mode) into 32Ω 3.3V SNR: 96dB 60mW output (Pseudo cap-less mode) into 16Ω 3.3VSNR: 86dB Pop-noise free at power-up and reset
□ Stereo Lineout S□NR: 96dB
□ Mono Speaker Driver Available for both Dynamic and Piezo Speaker 0.8W @ 8Ω HVDD = 4.0V 1.0W @ 4Ω HVDD = 4.0V SNR: 97dB
□ Digital Processing HPF, LPF, 3D Enhance, Frequency Compensation, 5-BiQuads, Digital ALC/Limiter: +36dB to -54dB, 0.375dB/step
□ Digital Volume Control: +12dB to -115dB, 0.5dB/step, Mute
□ Analog Mixing: Mono input
□ PLL: Input Frequency: 27MHz, 25MHz, 24MHz, 13.5MHz, 12.288MHz, 12MHz, and 11.2896MHz (MCKI pin) 1fs (LRCK pin) 32fs or 64fs (BICK pin) Input Level: CMOS or AC coupling Input
□ Master Clock (MCKI pin): 256/512/1024fs
□ Master Clock Output (MCKO pin): 32fs, 64fs, 128fs, 256fs
□ µP Interface: 3-Wire serial, I2C bus (version1.0, 400 KHz Fast-mode)
□ Audio Interface Format: MSB First, 2’s complement 16/20/24bit MSB justified, 16/20/24bit LSB justified, 16/20/24bit I2S, 16/20/24bit DSP Mode
□ CMOS Input Level
□ Power Supply: Analog (AVDD): 2.2 to 3.6V Digital (DVDD): 1.6 to 3.6V Driver (HVDD): 2.2 to 4.0V
□ Power Consumption: 11.9mW headphone playback
□ Ta = -30 ~ +85°C
□ Package: 32-pin QFN (5mm x 5mm, 0.5mm pitch)
□ Pin/Register compatible with AK4343




Similar Part No. - AKD4373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4373-B AKM-AKD4373-B Datasheet
966Kb / 34P
   AK4373 Evaluation Board Rev.1
More results


Similar Description - AKD4373

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com