![]() |
Electronic Components Datasheet Search |
|
TFDS4500 Datasheet (PDF) - Vishay Siliconix |
TFDS4500 Datasheet (HTML) - Vishay Siliconix |
TFDS4500 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | TFDS4500 |
Download | TFDS4500 Click to view |
File Size | 554.95 Kbytes |
Page | 12 Pages |
Maker | VISHAY [Vishay Siliconix] |
Homepage | http://www.vishay.com |
Logo | |
Description | 2.7-5.5V Serial Infrared Transceiver Module Family |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
TFDU6100E | 2.7-5.5V Fast Infrared Transceiver Module Family | 1 2 3 4 5 More | Vishay Siliconix |
TFDU6108 | Fast Infrared Transceiver Module 4 Mbit/s IrDA Serial Interface Compatible 2.7 V to 5.5 V Supply Voltage Range | 1 2 3 4 5 More | Vishay Siliconix |
TFDU8108 | Very Fast Infrared Transceiver Module VFIR 16 Mbit/s Serial Interface Compatible 2.7 V to 5.5 V Supply Voltage Range | 1 2 3 4 5 More | Vishay Siliconix |
TFDU6102E | Fast Infrared Transceiver Module Family FIR 4 Mbit/s for 2.6 V to 5.5 V Operation | 1 2 3 4 5 More | Vishay Siliconix |
TFDU6101E | Fast Infrared Transceiver Module Family FIR 4 Mbit/s for 2.6 V to 5.5 V Operation | 1 2 3 4 5 More | Vishay Siliconix |
TFDU2201 | Low Profile Transceiver Module PIN Photodiode and Infrared Emitter | 1 2 3 4 5 More | Vishay Siliconix |
IBM31T1100 | Integrated Infrared Transceiver Module | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
TFDU4300 | Infrared Transceiver Module SIR 115.2 kbit/s | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |