Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S974TR Datasheet (PDF) - Vishay Siliconix

S974TR Datasheet PDF - Vishay Siliconix
Part # S974TR
Download  S974TR Download

File Size   100.94 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage

S974TR Datasheet (PDF)

Go To PDF Page Download Datasheet
S974TR Datasheet PDF - Vishay Siliconix

Part # S974TR
Download  S974TR Click to download

File Size   100.94 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage

S974TR Datasheet (HTML) - Vishay Siliconix

S974TR Datasheet HTML 1Page - Vishay Siliconix S974TR Datasheet HTML 2Page - Vishay Siliconix S974TR Datasheet HTML 3Page - Vishay Siliconix S974TR Datasheet HTML 4Page - Vishay Siliconix S974TR Datasheet HTML 5Page - Vishay Siliconix S974TR Datasheet HTML 6Page - Vishay Siliconix

S974TR Product details

Features
● Easy Gate 1 switch-off with PNP switching transistors inside PLL
● High AGC-range with less steep slope
● Integrated gate protection diodes
● Low noise figure
● High gain
● Improved cross modulation at gain reduction
● SMD package

Applications
   Low noise gain controlled input stages in UHF-and VHF- tuner with 9 V supply voltage.



Similar Part No. - S974TR

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
95Kb / 2P
   Si photodiode RGB color sensor
S9702 HAMAMATSU-S9702 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
S9702 HAMAMATSU-S9702 Datasheet
254Kb / 11P
   Digital color sensor
S9702 HAMAMATSU-S9702_15 Datasheet
224Kb / 4P
   S9702_15
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
More results


Similar Description - S974TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S904T VISHAY-S904T Datasheet
77Kb / 4P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S913T VISHAY-S913T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S952T VISHAY-S952T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T_05 Datasheet
198Kb / 10P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.4, 02-May-05
S949T VISHAY-S949T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 1.5, 08-Sep-08
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S849T VISHAY-S849T Datasheet
135Kb / 8P
   MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com