Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY75 Datasheet (PDF) - Vishay Siliconix

CNY75 Datasheet PDF - Vishay Siliconix
Part No. CNY75
Download  CNY75 Click to view

File Size   186.14 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

CNY75 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY75 Datasheet PDF - Vishay Siliconix

Part No. CNY75
Download  CNY75 Click to view

File Size   186.14 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

CNY75 Datasheet (HTML) - Vishay Siliconix

CNY75 Datasheet HTML 1Page - Vishay Siliconix CNY75 Datasheet HTML 2Page - Vishay Siliconix CNY75 Datasheet HTML 3Page - Vishay Siliconix CNY75 Datasheet HTML 4Page - Vishay Siliconix CNY75 Datasheet HTML 5Page - Vishay Siliconix CNY75 Datasheet HTML 6Page - Vishay Siliconix CNY75 Datasheet HTML 7Page - Vishay Siliconix CNY75 Datasheet HTML 8Page - Vishay Siliconix CNY75 Datasheet HTML 9Page - Vishay Siliconix CNY75 Datasheet HTML 10Page - Vishay Siliconix

CNY75 Product details

Description
The CNY75(G) series consists of a phototransistor optically coupled to a gallium arsenide infrared emitting diode in a 6-lead plastic dual inline package. The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.

Features
Approvals:
● BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Certificate number 7081 and 7402
● FIMKO (SETI): EN 60950, Certificate number 12399
● Underwriters Laboratory (UL) 1577 recognized, file number E-76222
● VDE 0884, Certificate number 94778

VDE 0884 related features:
● Rated impulse voltage (transient overvoltage) VIOTM = 6 kV peak
● Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV
● Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak)
● Rated recurring peak voltage (repetitive) VIORM = 600 VRMS
● Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI = 275
● Thickness through insulation ≥ 0.75 mm

General features:
● Isolation materials according to UL94-VO
● Pollution degree 2(DIN/VDE 0110 part 1 resp. IEC 664)
● Climatic classification 55/100/21 (IEC 68 part 1)
● Special construction:
   Therefore, extra low coupling capacity of typical 0.3 pF, high Common Mode Rejection
● Low temperature coefficient of CTR
● CTR offered in 3 groups
● Coupling System A

Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):
● For appl. class I – IV at mains voltage ≤ 300 V
● For appl. class I – III at mains voltage ≤ 600 V according to VDE 0884, table 2, suitable for:

  Switch-mode power supplies, line receiver, computer peripheral interface, microprocessor system interface.



Similar Part No. - CNY75

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
CNY75 ETC-CNY75 Datasheet
50Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Vishay Siliconix
Vishay Siliconix
CNY75 VISHAY-CNY75 Datasheet
210Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
List of Unclassifed Manufacturers
List of Unclassifed Man...
CNY75A ETC-CNY75A Datasheet
50Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Vishay Siliconix
Vishay Siliconix
CNY75A VISHAY-CNY75A Datasheet
210Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
CNY75A VISHAY-CNY75A Datasheet
161Kb / 11P
   Optocoupler, Phototransistor Output,with Base Connection
More results

Similar Description - CNY75

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
TCET2200 VISHAY-TCET2200 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
TEMIC Semiconductors
TEMIC Semiconductors
CNY18 TEMIC-CNY18 Datasheet
59Kb / 5P
   Optocoupler with Phototransistor Output
Vishay Siliconix
Vishay Siliconix
TCLT1000 VISHAY-TCLT1000 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
4N25V VISHAY-4N25V Datasheet
147Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz