Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND34063A Datasheet (PDF) - Linear Dimensions Semiconductor

LND34063A Datasheet PDF - Linear Dimensions Semiconductor
Part # LND34063A
Download  LND34063A Download

File Size   156.8 Kbytes
Page   7 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description DC-to-DC Converter Control Circuits

LND34063A Datasheet (PDF)

Go To PDF Page Download Datasheet
LND34063A Datasheet PDF - Linear Dimensions Semiconductor

Part # LND34063A
Download  LND34063A Click to download

File Size   156.8 Kbytes
Page   7 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description DC-to-DC Converter Control Circuits

LND34063A Datasheet (HTML) - Linear Dimensions Semiconductor

LND34063A Datasheet HTML 1Page - Linear Dimensions Semiconductor LND34063A Datasheet HTML 2Page - Linear Dimensions Semiconductor LND34063A Datasheet HTML 3Page - Linear Dimensions Semiconductor LND34063A Datasheet HTML 4Page - Linear Dimensions Semiconductor LND34063A Datasheet HTML 5Page - Linear Dimensions Semiconductor LND34063A Datasheet HTML 6Page - Linear Dimensions Semiconductor LND34063A Datasheet HTML 7Page - Linear Dimensions Semiconductor

LND34063A Product details

GENERAL DESCRIPTION
The LND34063A is a monolithic control circuit containing the primary functions required for DC-to-DC converters This device consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This device was specifically designed to be incorporated in Step-down and Step-up and Voltage-Inverting applications with a minimum number of external components.

FEATURES
• Operation from 3.0V to 40V Input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.5A
• Frequency Operation to 100kHz
• Precision 2% Reference




Similar Part No. - LND34063A

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND3465 LINEAR_DIMENSIONS-LND3465 Datasheet
68Kb / 1P
   LND3526H/L-/CB DUAL USB POWER CONTROL SWITCH
More results


Similar Description - LND34063A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com