Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P030-VQG144ES Datasheet (PDF) - Actel Corporation

A3P030-VQG144ES Datasheet PDF - Actel Corporation
Part # A3P030-VQG144ES
Download  A3P030-VQG144ES Download

File Size   5947.19 Kbytes
Page   206 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ProASIC3 Flash Family FPGAs

A3P030-VQG144ES Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P030-VQG144ES Datasheet PDF - Actel Corporation

Part # A3P030-VQG144ES
Download  A3P030-VQG144ES Click to download

File Size   5947.19 Kbytes
Page   206 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ProASIC3 Flash Family FPGAs

A3P030-VQG144ES Datasheet (HTML) - Actel Corporation

Back Button A3P030-VQG144ES Datasheet HTML 1Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 2Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 3Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 4Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 5Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 6Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 7Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 8Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 9Page - Actel Corporation A3P030-VQG144ES Datasheet HTML 10Page - Actel Corporation Next Button 

A3P030-VQG144ES Product details

General Description
ProASIC3, the third-generation family of Actel flash FPGAs, offers performance, density, and features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3 devices the advantage of being a secure, low-power, single-chip solution that is live at power-up (LAPU). ProASIC3 is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools.

Features and Benefits
High Capacity
• 15 k to 1 M System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os

Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live at Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off

High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI†

In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
• FlashLock® to Secure FPGA Contents

Low Power
• Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches

High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure

Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os‡
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family

Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)

Embedded Memory†
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)

ARM Processor Support in ProASIC3 FPGAs
• M1 and M7 ProASIC3 Devices—Cortex-M1 and CoreMP7 Soft Processor Available with or without Debug




Similar Part No. - A3P030-VQG144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P030-VQG144ES MICROSEMI-A3P030-VQG144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Similar Description - A3P030-VQG144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com