Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX128-TQ100I Datasheet (PDF) - Actel Corporation

EX128-TQ100I Datasheet PDF - Actel Corporation
Part # EX128-TQ100I
Download  EX128-TQ100I Download

File Size   404.85 Kbytes
Page   44 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description eX Automotive Family FPGAs

EX128-TQ100I Datasheet (PDF)

Go To PDF Page Download Datasheet
EX128-TQ100I Datasheet PDF - Actel Corporation

Part # EX128-TQ100I
Download  EX128-TQ100I Click to download

File Size   404.85 Kbytes
Page   44 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description eX Automotive Family FPGAs

EX128-TQ100I Datasheet (HTML) - Actel Corporation

Back Button EX128-TQ100I Datasheet HTML 1Page - Actel Corporation EX128-TQ100I Datasheet HTML 2Page - Actel Corporation EX128-TQ100I Datasheet HTML 3Page - Actel Corporation EX128-TQ100I Datasheet HTML 4Page - Actel Corporation EX128-TQ100I Datasheet HTML 5Page - Actel Corporation EX128-TQ100I Datasheet HTML 6Page - Actel Corporation EX128-TQ100I Datasheet HTML 7Page - Actel Corporation EX128-TQ100I Datasheet HTML 8Page - Actel Corporation EX128-TQ100I Datasheet HTML 9Page - Actel Corporation EX128-TQ100I Datasheet HTML 10Page - Actel Corporation Next Button 

EX128-TQ100I Product details

General Description
The eX family of FPGAs is a low-cost solution for lowpower, high-performance designs. The inherent low power attributes of the antifuse technology, coupled with an additional low static power mode, make these devices ideal for power-sensitive applications. Fabricated with an advanced 0.22µm CMOS antifuse technology, these devices achieve high performance with no power penalty.
   
Features
• High-Performance, Low-Power Antifuse FPGA
• LP/Sleep Mode for Additional Power Savings
• Advanced Small-Footprint Packages
• Hot-Swap Compliant I/Os
• Single-Chip Solution
• Nonvolatile
• Live on Power-Up
• No Power-Up/Down Sequence Required for Supply Voltages
• Configurable Weak-Resistor Pull-Up or Pull-Down for Tristated Outputs during Power-Up
• Individual Output Slew Rate Control
• 2.5 V, 3.3 V, and 5.0 V Mixed-Voltage Operation with 5.0V Input Tolerance and 5.0V Drive Strength
• Software Design Support with Actel Designer and Libero™ Integrated Design Environment (IDE)  Tools
• Up to 100% Resource Utilization with 100% Pin Locking
• Deterministic Timing
• Unique In-System Diagnostic and Verification Capability with Silicon Explorer II
• Boundary Scan Testing in Compliance with IEEEStandard 1149.1 (JTAG)
• Fuselock™ Secure Programming Technology Prevents Reverse Engineering and Design Theft
   




Similar Part No. - EX128-TQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-TQ100I ACTEL-EX128-TQ100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results


Similar Description - EX128-TQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com