Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA8172 Datasheet (PDF) - TEMIC Semiconductors

TEA8172 Datasheet PDF - TEMIC Semiconductors
Part # TEA8172
Download  TEA8172 Download

File Size   63.86 Kbytes
Page   4 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description TV Vertical Deflection Output Amplifier

TEA8172 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA8172 Datasheet PDF - TEMIC Semiconductors

Part # TEA8172
Download  TEA8172 Click to download

File Size   63.86 Kbytes
Page   4 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description TV Vertical Deflection Output Amplifier

TEA8172 Datasheet (HTML) - TEMIC Semiconductors


TEA8172 Product details

Features

Output peak current, I5= 2 A

Flyback current, peak to peak, I3= 3 A

Thermal protection, Tj 140°C




Similar Part No. - TEA8172

ManufacturerPart #DatasheetDescription
logo
Surge Components
TEA SURGE-TEA Datasheet
729Kb / 2P
   rohs compliance
logo
RFE international
TEA RFE-TEA Datasheet
187Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
REV 2010.10.10
logo
STMicroelectronics
TEA-2261 STMICROELECTRONICS-TEA-2261 Datasheet
160Kb / 9P
   SWITCH MODE POWER SUPPLY CONTROLLER
June 1992
logo
NEC
TEA-566A NEC-TEA-566A Datasheet
2Mb / 12P
   POWER MOSFET
logo
List of Unclassifed Man...
TEA0652 ETC-TEA0652 Datasheet
153Kb / 2P
   MONOLITHISCHE STEREO IS
More results


Similar Description - TEA8172

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
   TV Vertical Deflection Output Amplifier
logo
Fairchild Semiconductor
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
   TV Vertical Deflection Output
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401YTU FAIRCHILD-KSD401YTU Datasheet
76Kb / 4P
   TV Vertical Deflection Output
KSD401Y FAIRCHILD-KSD401Y Datasheet
76Kb / 4P
   TV Vertical Deflection Output
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
   TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Samsung semiconductor
KSB546 SAMSUNG-KSB546 Datasheet
267Kb / 8P
   PNP (TV VERTICAL DEFLECTION OUTPUT)
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
   NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
List of Unclassifed Man...
2SB689 ETC-2SB689 Datasheet
34Kb / 1P
   LOW FREQUENCY POWER AMPLIFIER TV VERTICAL DEFLECTION OUTPUT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com