![]() |
Electronic Components Datasheet Search |
|
MJD47 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd |
MJD47 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd |
MJD47 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MJD47 |
Download | MJD47 Click to view |
File Size | 40.48 Kbytes |
Page | 1 Pages |
Maker | KEXIN [Guangdong Kexin Industrial Co.,Ltd] |
Homepage | http://www.kexin.com.cn/index.asp |
Logo | |
Description | NPN Epitaxial Silicon Transistor |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
MMBTA44 | HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR | 1 2 3 4 5 | Unisonic Technologies |
FJY3007R | NPN Epitaxial Silicon Transistor | 1 2 3 4 | Fairchild Semiconductor |
KSC2982_05 | NPN Epitaxial Silicon Transistor | 1 2 3 4 5 | Fairchild Semiconductor |
UPA833TF_99 | NPN SILICON EPITAXIAL TWIN TRANSISTOR | 1 2 3 4 5 More | NEC |
GM4672 | NPN EPITAXIAL SILICON TRANSISTOR | 1 2 | GTM CORPORATION |
2SC6081 | NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching | 1 2 3 4 | Sanyo Semicon Device |
2SC6099 | NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
CPH3234 | NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications | 1 2 3 4 | Sanyo Semicon Device |
TPCP8901 | TOSHIBA Transistor Silicon NPN / PNP Epitaxial Type PCT Process | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |