Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4933 Datasheet (PDF) - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4933 Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd
Part # 1N4933
Download  1N4933 Download

File Size   103.78 Kbytes
Page   2 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 1.0AMP. Fast Recovery Rectifiers

1N4933 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933 Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # 1N4933
Download  1N4933 Click to download

File Size   103.78 Kbytes
Page   2 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 1.0AMP. Fast Recovery Rectifiers

1N4933 Datasheet (HTML) - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4933 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4933 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4933 Product details

VOLTAGE:50 TO 600V CURRENT:1.0A



Specification Features:

• Case: Epoxy, Molded

• Weight: 0.4Gram (Approximately)

• High current capability, Low leakage current

• High surge current capability

• Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are Readily Solderable

• Lead And Mounting Surface Temperature For Soldering Purposed: 260℃ Max. For 10 Seconds 1/16 Inch From Case

• RoHS Compliant

   Cathode Indicated By Polarity Band



 




Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1N4933 CHONGQING-1N4933_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR101 TGS-FR101 Datasheet
200Kb / 2P
   1.0AMP FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1_16 Datasheet
178Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Cystech Electonics Corp...
CFR10XLB CYSTEKEC-CFR10XLB Datasheet
137Kb / 3P
   1.0Amp. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101 CHONGQING-FR101_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Tak Cheong Electronics ...
FR101 TAK_CHEONG-FR101 Datasheet
103Kb / 2P
   1.0AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
BA157 CHONGQING-BA157_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com