Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-0501 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HFBR-0501 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HFBR-0501
Download  HFBR-0501 Download
File Size   195.36 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Versatile Link The Versatile Fiber Optic Connection

HFBR-0501 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-0501 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0501
Download  HFBR-0501 Click to download

File Size   195.36 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Versatile Link The Versatile Fiber Optic Connection

HFBR-0501 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HFBR-0501 Product details

Description
The Versatile Link series is a complete family of fiber optic link components for applications requiring a low cost solution. The HFBR-0501 series includes transmitters, receivers, connectors and cable specified for easy design. This series of components is ideal for solving problems with voltage isolation/insulation, EMI/RFI immunity or data security. The optical link design is simplified by the logic compatible receivers and complete specifications for each component. The key
optical and electrical parameters of links configured with the HFBR-0501 family are fully guaranteed from 0° to 70°C.

Features
• Low cost fiber optic components
• Enhanced digital links dc-5 MBd
• Extended distance links up to 120 m at 40 kBd
• Low current link: 6 mA peak supply current
• Horizontal and vertical mounting
• Interlocking feature
• High noise immunity
• Easy connectoring Simplex, Duplex, and Latching connectors
• Flame retardant
• Transmitters incorporate a 660 nm Red LED for easy visibility
• Compatible with standard TTL circuitry

Applications
• Reduction of lightning/voltage transient susceptibility
• Motor controller triggering
• Data communications and local area networks
• Electromagnetic Compatibility (EMC) for regulated systems: FCC, VDE, CSA, etc.
• Tempest-secure data processing equipment
• Isolation in test and measurement instruments
• Error free signalling for industrial and manufacturing equipment
• Automotive communications and control networks
• Noise immune communication in audio and video equipment




Similar Part No. - HFBR-0501

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
More results


Similar Description - HFBR-0501

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com