Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFC5EF3AB Datasheet (PDF) - Connor-Winfield Corporation

OFC5EF3AB Datasheet PDF - Connor-Winfield Corporation
Part # OFC5EF3AB
Download  OFC5EF3AB Download

File Size   133.08 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description STRATUM 3E HCMOS OCXO

OFC5EF3AB Datasheet (PDF)

Go To PDF Page Download Datasheet
OFC5EF3AB Datasheet PDF - Connor-Winfield Corporation

Part # OFC5EF3AB
Download  OFC5EF3AB Click to download

File Size   133.08 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description STRATUM 3E HCMOS OCXO

OFC5EF3AB Datasheet (HTML) - Connor-Winfield Corporation

OFC5EF3AB Datasheet HTML 1Page - Connor-Winfield Corporation OFC5EF3AB Datasheet HTML 2Page - Connor-Winfield Corporation

OFC5EF3AB Product details

STRATUM 3E 5V HCMOS OCXO

DESCRIPTION
The Connor-Winfield  OFC5EF3AB is a 5V Oven  Controlled Crystal Oscillator  (OCXO) with HCMOS output.   The OFC5EF3AB is designed  for 3E applications  requiring  low jitter and tight frequency  stability.

FEATURES
    FIXED FREQUENCY
    FREQUENCY  STABILITY: ±10ppb
    TEMPERATURE RANGE: -20 to 70°C
    5.0V OPERATION
    HCMOS OUTPUT
    HERMETICALLY SEALED PACKAGE
    RoHS COMPLIANT / LEAD FREE




Similar Part No. - OFC5EF3AB

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
   STRATUM 3E 5V HCMOS OCXO
OFC5EF3ABG5-32.000M CONNOR-WINFIELD-OFC5EF3ABG5-32.000M Datasheet
181Kb / 2P
   STRATUM 3E 5V HCMOS OCXO
More results


Similar Description - OFC5EF3AB

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
   STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
   5.0V HCMOS STRATUM 3E OCXO
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
   STRATUM 3E 5V HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
   STRATUM 3E 5V HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
   SURFACE MOUNT STRATUM 3E HCMOS OCXO
logo
Golledge Electronics Lt...
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
   5V OCXO HCMOS OUTPUT STRATUM 3E
logo
Connor-Winfield Corpora...
BSOF3S3E CONNOR-WINFIELD-BSOF3S3E Datasheet
203Kb / 2P
   SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
   1?쓝1??Stratum 3E OCXO
logo
Advanced XTAL Products
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
   OCXO with Stratum 3E stabilitiy
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com