Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320B Datasheet (PDF) - ATMEL Corporation

AT25320B Datasheet PDF - ATMEL Corporation
Part # AT25320B
Download  AT25320B Download
File Size   683.83 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)

AT25320B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25320B Datasheet PDF - ATMEL Corporation

Part # AT25320B
Download  AT25320B Click to download

File Size   683.83 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)

AT25320B Datasheet (HTML) - ATMEL Corporation


AT25320B Product details

Description
The AT25320B/640B provides 32768/65536 bits of serial electrically-erasable programmable read-only memory (EEPROM) organized as 4096/8192 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25320B/640B is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin MiniMAP (MLP 2x3), 8-lead Ultra Lead Frame Land Grid Array (ULA) and 8-lead TSSOP packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Datasheet Describes Mode 0 Operation
• Low-voltage and Standard-voltage Operation
   – 1.8 (VCC = 1.8V to 5.5V)
• 20 MHz Clock Rate (5V)
• 32-byte Page Mode
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• Automotive Devices Available
• 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 8-lead
   TSSOP and 8-lead Ultra Lead Frame Land Grid Array (ULA) Packages
• Die Sales: Wafer Form, Tape and Reel, and Bumped Wafers




Similar Part No. - AT25320B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320B ATMEL-AT25320B Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25320B-CUL-T ATMEL-AT25320B-CUL-T Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25320B-MAHL-T ATMEL-AT25320B-MAHL-T Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25320B-MEHL-T ATMEL-AT25320B-MEHL-T Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25320B-SSHL-B ATMEL-AT25320B-SSHL-B Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
More results


Similar Description - AT25320B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
64K (8192 words x 8 bits) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
64K (8192 words x 8 bits) SRAM?
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
2-Wire Serial EEPROM 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com