Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22LV10CZ Datasheet (PDF) - ATMEL Corporation

ATF22LV10CZ Datasheet PDF - ATMEL Corporation
Part # ATF22LV10CZ_05
Download  ATF22LV10CZ Download

File Size   358.52 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Highperformance EE PLD

ATF22LV10CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF22LV10CZ Datasheet PDF - ATMEL Corporation

Part # ATF22LV10CZ_05
Download  ATF22LV10CZ Click to download

File Size   358.52 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Highperformance EE PLD

ATF22LV10CZ Datasheet (HTML) - ATMEL Corporation

Back Button ATF22LV10CZ_05 Datasheet HTML 1Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 2Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 3Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 4Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 5Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 6Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 7Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 8Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 9Page - ATMEL Corporation ATF22LV10CZ_05 Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATF22LV10CZ Product details

Description
The ATF22LV10CZ/CQZ is a high-performance CMOS (electrically erasable) programmable logic device (PLD) that utilizes Atmel’s proven electrically erasable Flash memory technology and provides 25 ns speed with standby current of 25 µA maximum. All speed ranges are specified over the 3.0V to 5.5V range for industrial and commercial temperature ranges.
The ATF22LV10CZ/CQZ provides a low-voltage and edge-sensing “zero” power CMOS PLD solution with “zero” standby power (5 µA typical). The ATF22LV10CZ/CQZ powers down automatically to the zero power mode through Atmel’s patented Input Transition Detection (ITD) circuitry when the device is idle. The ATF22LV10CZ/CQZ is capable of operating at supply voltages down to 3.0V. Pin “keeper” circuits on input and output pins hold pins to their previous logic levels when idle, which eliminate static power consumed by pull-up resistors. The “CQZ” combines this low high-frequency ICC of the “Q” design with the “Z” feature.
The ATF22LV10CZ/CQZ macrocell incorporates a variable product term architecture. Each output is allocated from 8 to 16 product terms which allows highly complex logic functions to be realized. Two additional product terms are included to provide synchronous reset and asynchronous reset. These additional product terms are common to all 10 registers and are automatically cleared upon power-up. Register Preload simplifies testing. A security fuse prevents unauthorized copying of programmed fuse patterns.

Features
• 3.0V to 5.5V Operating Range
• Lowest Power in It Class
• Advanced Low-voltage, Zero-power, Electrically Erasable Programmable Logic Device
• “Zero” Standby Power (25 µA Maximum) (Input Transition Detection)
• Low-voltage Equivalent of ATF22V10CZ
• Ideal for Battery Powered Systems
• CMOS- and TTL-compatible Inputs and Outputs
• Inputs are 5V Tolerant
• Latch Feature Hold Inputs to Previous Logic States
• EE Technology
   – Reprogrammable
   – 100% Tested
• High-reliability CMOS Process
   – 20-year Data Retention
   – 10,000 Erase/Write Cycles
   – 2,000V ESD Protection
   – 200 mA Latch-up Immunity
• Commercial and Industrial Temperature Ranges
• Dual Inline and Surface Mount Standard Pinouts
• Green Package Options (Pb/Halide-free/RoHS Compliant) Available




Similar Part No. - ATF22LV10CZ_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10CZ-25JC ATMEL-ATF22LV10CZ-25JC Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ-25JC ATMEL-ATF22LV10CZ-25JC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ-25JI ATMEL-ATF22LV10CZ-25JI Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ-25JI ATMEL-ATF22LV10CZ-25JI Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ-25PC ATMEL-ATF22LV10CZ-25PC Datasheet
222Kb / 9P
   High Performance E2 PLD
More results


Similar Description - ATF22LV10CZ_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com