![]() |
Electronic Components Datasheet Search |
|
74LVT273 Datasheet (PDF) - NXP Semiconductors |
74LVT273 Datasheet (HTML) - NXP Semiconductors |
74LVT273 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 74LVT273 |
Download | 74LVT273 Click to view |
File Size | 107.37 Kbytes |
Page | 17 Pages |
Maker | NXP [NXP Semiconductors] |
Homepage | http://www.nxp.com |
Logo | |
Description | 3.3 V octal D-type flip-flop |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
74LCX374_06 | Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
74F574_00 | Octal D-Type Flip-Flop with 3-STATE Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
74VHC374 | Octal D-Type Flip-Flop with 3-STATE Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
TC7MET374AFK_07 | Octal D-Type Flip-Flop with 3-State Output | 1 2 3 4 5 More | Toshiba Semiconductor |
74AC377_08 | Octal D-Type Flip-Flop with Clock Enable | 1 2 3 4 5 More | Fairchild Semiconductor |
74LVX574_05 | Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
74F377_00 | Octal D-Type Flip-Flop with Clock Enable | 1 2 3 4 5 More | Fairchild Semiconductor |
TC74VHC273F_07 | Octal D-Type Flip-Flop with Clear | 1 2 3 4 5 More | Toshiba Semiconductor |
74LCX574 | Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
74VHC273_05 | Octal D-Type Flip-Flop | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |