![]() |
Electronic Components Datasheet Search |
|
200.00XOV91025CPA Datasheet (PDF) - EUROQUARTZ limited |
200.00XOV91025CPA Datasheet (HTML) - EUROQUARTZ limited |
200.00XOV91025CPA Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 200.00XOV91025CPA |
Download | 200.00XOV91025CPA Click to view |
File Size | 271.44 Kbytes |
Page | 1 Pages |
Maker | EUROQUARTZ [EUROQUARTZ limited] |
Homepage | http://www.euroquartz.co.uk |
Logo | |
Description | 7 x 5mm High Frequency HCMOS Clock Oscillator |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
XOA91 | 7 x 5mm High Frequency Low Jitter HCMOS Clock Oscillator | 1 | EUROQUARTZ limited |
HV14 | 14 pin DIL High Frequency HCMOS Clock Oscillator | 1 | EUROQUARTZ limited |
F1100HT | TTL TRI-STATE HIGH FREQUENCY CLOCK OSCILLATOR | 1 | Fox Electronics |
STTH16003 | High frequency secondary rectifier | 1 2 3 4 5 More | STMicroelectronics |
S33XX | Clock Oscillator 8 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
C32XX | 5x7mm SMD HCMOS Clock Oscillator 5.0 Volts | 1 2 3 | Crystek Corporation |
C33XX | 5x7mm SMD HCMOS Clock Oscillator 3.3 Volts | 1 2 3 | Crystek Corporation |
RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
MC12429 | HIGH FREQUENCY CLOCK SYNTHESIZER | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |