Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15038 Datasheet (PDF) - Maxim Integrated Products

MAX15038 Datasheet PDF - Maxim Integrated Products
Part # MAX15038
Download  MAX15038 Download

File Size   357.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A, 2MHz Step-Down Regulator with Integrated Switches

MAX15038 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15038 Datasheet PDF - Maxim Integrated Products

Part # MAX15038
Download  MAX15038 Click to download

File Size   357.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A, 2MHz Step-Down Regulator with Integrated Switches

MAX15038 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX15038 Datasheet HTML 1Page - Maxim Integrated Products MAX15038 Datasheet HTML 2Page - Maxim Integrated Products MAX15038 Datasheet HTML 3Page - Maxim Integrated Products MAX15038 Datasheet HTML 4Page - Maxim Integrated Products MAX15038 Datasheet HTML 5Page - Maxim Integrated Products MAX15038 Datasheet HTML 6Page - Maxim Integrated Products MAX15038 Datasheet HTML 7Page - Maxim Integrated Products MAX15038 Datasheet HTML 8Page - Maxim Integrated Products MAX15038 Datasheet HTML 9Page - Maxim Integrated Products MAX15038 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX15038 Product details

General Description
The MAX15038 high-efficiency switching regulator delivers up to 4A load current at output voltages from 0.6V to 90% of VIN. The IC operates from 2.9V to 5.5V, making it ideal for on-board point-of-load and postregulation applications. Total output error is less than ±1% over load, line, and temperature ranges.

Features
♦ Internal 31mΩ RDS(ON) High-Side and 24mΩ RDS(ON) Low-Side MOSFETs
♦ Continuous 4A Output Current Over Temperature
♦ ±1% Output Accuracy Over Load, Line, and Temperature
♦ Operates from 2.9V to 5.5V VIN Supply
♦ Adjustable Output from 0.6V to (0.9 x VIN)
♦ Soft-Start Reduces Inrush Supply Current
♦ 500kHz to 2MHz Adjustable Switching Frequency
♦ Compatible with Ceramic, Polymer, and Electrolytic Output Capacitors
♦ Nine Preset and Adjustable Output Voltages 0.6V, 0.7V, 0.8V, 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, and Adjustable
♦ Monotonic Startup for Safe-Start into Prebiased Outputs
♦ Selectable Forced PWM or Skip Mode for Light Load Efficiency
♦ Overcurrent and Overtemperature Protection
♦ Output Current Sink/Source Capable with Cycleby-Cycle Protection
♦ Open-Drain Power-Good Output
♦ Lead-Free, 4mm x 4mm, 24-Pin Thin QFN Package

Applications
    Server Power Supplies
    POLs
    ASIC/CPU/DSP Core and I/O Voltages
    DDR Power Supplies
    Base-Station Power Supplies
    Telecom and Networking Power Supplies
    RAID Control Power Supplies




Similar Part No. - MAX15038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038 Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038 MAXIM-MAX15038 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Similar Description - MAX15038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com