Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39GT Datasheet (PDF) - EUROQUARTZ limited

EM39GT Datasheet PDF - EUROQUARTZ limited
Part # EM39GT
Download  EM39GT Download

File Size   130.99 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description HCMOS, 14 pin DIL compatible, MHz Range

EM39GT Datasheet (PDF)

Go To PDF Page Download Datasheet
EM39GT Datasheet PDF - EUROQUARTZ limited

Part # EM39GT
Download  EM39GT Click to download

File Size   130.99 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description HCMOS, 14 pin DIL compatible, MHz Range

EM39GT Datasheet (HTML) - EUROQUARTZ limited

EM39GT Datasheet HTML 1Page - EUROQUARTZ limited

EM39GT Product details

DESCRIPTION
EM39GT series TCXOs are packaged in a conventional through hole-mounted package compatible with 14 pin DIL. With squarewave (CMOS) output, tolerances are available from ±1.0ppm over -30° to +75°C. The part has a 0.01mF decoupling capacitor built in.

 • Package pin compatible with 14 pin DIL
 • Wide frequency range: 1.25MHz to 156.0MHz
 • Supply voltage 2.8, 3.0, 3.3 or 5.0 Volts
 • Frequency stability from ±1ppm over -30 to +75°C
 • RoHS compliant




Similar Part No. - EM39GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM39GT-KHZ EUROQUARTZ-EM39GT-KHZ Datasheet
128Kb / 1P
   CMOS 14 pin DIL compatible, kHz Range
EM39GT33-32.768-2.5-30 EUROQUARTZ-EM39GT33-32.768-2.5-30 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM39GT33-32.768K-2.5 EUROQUARTZ-EM39GT33-32.768K-2.5 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM39GT5-32.768-2.5-30 EUROQUARTZ-EM39GT5-32.768-2.5-30 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
More results


Similar Description - EM39GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM38T33-32.768K-2.5 EUROQUARTZ-EM38T33-32.768K-2.5 Datasheet
341Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM39T EUROQUARTZ-EM39T Datasheet
125Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM38GT EUROQUARTZ-EM38GT Datasheet
346Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM14GT EUROQUARTZ-EM14GT Datasheet
141Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM14T EUROQUARTZ-EM14T Datasheet
136Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM15GT EUROQUARTZ-EM15GT Datasheet
142Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM15T EUROQUARTZ-EM15T Datasheet
137Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM39GT33-32.768K-2.5 EUROQUARTZ-EM39GT33-32.768K-2.5 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM38T EUROQUARTZ-EM38T Datasheet
339Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM39T33-32.768K-2.5 EUROQUARTZ-EM39T33-32.768K-2.5 Datasheet
128Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com