Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3139 Datasheet (PDF) - Transcom, Inc.

TC3139 Datasheet PDF - Transcom, Inc.
Part # TC3139
Download  TC3139 Download

File Size   191.82 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.3 - 2.5 GHz 1W MMIC

TC3139 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3139 Datasheet PDF - Transcom, Inc.

Part # TC3139
Download  TC3139 Click to download

File Size   191.82 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2.3 - 2.5 GHz 1W MMIC

TC3139 Datasheet (HTML) - Transcom, Inc.


TC3139 Product details

DESCRIPTION
The TC3139 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 2.3 –2.5 GHz band applications. The MMIC provides a typical gain of 26 dB and P1dB power of more than 30 dBm. Typical bias condition is 7V at 400 mA. The MMIC is packaged in a low-cost surface-mountable plastic package. The input and output matching of the MMIC require minimum external components.

FEATURES
• P-1 dB: 30 dBm
• Small Signal Gain: 26 dB
• Power Added Efficiency: 32 %
• IP3: 40 dBm
• Matched to 50 Ω operation
• Bias condition: 400 mA @ 7 V

APPLICATIONS
• Wireless Internet Access
• Wireless Local Loop
• Two way radio




Similar Part No. - TC3139

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
   2.4 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
   2.4 GHz 1W MMIC
More results


Similar Description - TC3139

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
   2.3 to 2.5 GHz
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
   2.4 GHz 1W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
   2.4 GHz 1W MMIC
logo
Hittite Microwave Corpo...
HMC287MS8 HITTITE-HMC287MS8 Datasheet
217Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_05 Datasheet
287Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com