![]() |
Electronic Components Datasheet Search |
|
ST180CPBF Datasheet (PDF) - Vishay Siliconix |
ST180CPBF Datasheet (HTML) - Vishay Siliconix |
ST180CPBF Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | ST180CPBF |
Download | ST180CPBF Click to view |
File Size | 115.11 Kbytes |
Page | 7 Pages |
Maker | VISHAY [Vishay Siliconix] |
Homepage | http://www.vishay.com |
Logo | |
Description | Phase Control Thyristors (Hockey PUK Version), 350 A |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
ST1000C12K0L | Phase Control Thyristors Hockey PUK Version 1473 A | 1 2 3 4 5 More | Vishay Siliconix |
ST1120C12K0LPBF | Phase Control Thyristors Hockey PUK Version 1650 A | 1 2 3 4 5 More | Vishay Siliconix |
ST1230C08K0LP | Phase Control Thyristors Hockey PUK Version 1745 A | 1 2 3 4 5 More | Vishay Siliconix |
ST1280C04K0L | Phase Control Thyristors Hockey PUK Version 2310 A | 1 2 3 4 5 More | Vishay Siliconix |
180RKI40PBF | Phase Control Thyristors Stud Version 180 A | 1 2 3 4 5 More | Vishay Siliconix |
180RKI40 | Phase Control Thyristors Stud Version 180 A | 1 2 3 4 5 More | Vishay Siliconix |
ST110SPBF | Phase Control Thyristors Stud Version 110 A | 1 2 3 4 5 More | Vishay Siliconix |
SD303C04S10C | Fast Recovery Diodes Hockey PUK Version 350 A | 1 2 3 4 5 More | Vishay Siliconix |
80RIA40PBF | Phase Control Thyristors Stud Version 80 A | 1 2 3 4 5 More | Vishay Siliconix |
ST173CPBF | Inverter Grade Thyristors Hockey PUK Version 330 A | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |