Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B125C1000G Datasheet (PDF) - Vishay Siliconix

B125C1000G Datasheet PDF - Vishay Siliconix
Part # B125C1000G
Download  B125C1000G Download

File Size   100.14 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Single-Phase Bridge Rectifier

B125C1000G Datasheet (PDF)

Go To PDF Page Download Datasheet
B125C1000G Datasheet PDF - Vishay Siliconix

Part # B125C1000G
Download  B125C1000G Click to download

File Size   100.14 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Single-Phase Bridge Rectifier

B125C1000G Datasheet (HTML) - Vishay Siliconix

B125C1000G Datasheet HTML 1Page - Vishay Siliconix B125C1000G Datasheet HTML 2Page - Vishay Siliconix B125C1000G Datasheet HTML 3Page - Vishay Siliconix B125C1000G Datasheet HTML 4Page - Vishay Siliconix

B125C1000G Product details

FEATURES

• Ideal for printed circuit boards

• High case dielectric strength

• High surge current capability

• Typical IR less than 0.1 μA

• Solder dip 275 °C max. 10 s, per JESD 22-B106

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



TYPICAL APPLICATIONS

  General purpose use in AC/DC bridge full wave rectification for power supply, adapter, charger, lighting ballaster on consumers, and home appliances applications.



 



Similar Part No. - B125C1000G

ManufacturerPart #DatasheetDescription
General Semiconductor
General Semiconductor
B125C1000G GE-B125C1000G Datasheet
123Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Vishay Siliconix
Vishay Siliconix
B125C1000G VISHAY-B125C1000G Datasheet
85Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
B125C1000G-E4 VISHAY-B125C1000G-E4 Datasheet
80Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
More results

Similar Description - B125C1000G

ManufacturerPart #DatasheetDescription
Comchip Technology
Comchip Technology
GBJ2502-G COMCHIP-GBJ2502-G Datasheet
42Kb / 2P
   Glass Passivated SINGLE PHASE BRIDGE Rectifier
Vishay Siliconix
Vishay Siliconix
GBU8A VISHAY-GBU8A Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 21-Jan-08
G2SBA20 VISHAY-G2SBA20_08 Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 12-Feb-08
GBPC12 VISHAY-GBPC12 Datasheet
116Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
MIC GROUP RECTIFIERS
MIC GROUP RECTIFIERS
2W005G MIC-2W005G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G2SB20 MIC-G2SB20 Datasheet
55Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G2SBA20 MIC-G2SBA20 Datasheet
56Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ6005 MIC-GBJ6005 Datasheet
62Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBLA005 MIC-GBLA005 Datasheet
65Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBPC1005 MIC-GBPC1005 Datasheet
68Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBJ6005G MIC-KBJ6005G Datasheet
61Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com