Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100BGQ030 Datasheet (PDF) - Vishay Siliconix

100BGQ030 Datasheet PDF - Vishay Siliconix
Part # 100BGQ030
Download  100BGQ030 Download

File Size   121.11 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 100 A

100BGQ030 Datasheet (PDF)

Go To PDF Page Download Datasheet
100BGQ030 Datasheet PDF - Vishay Siliconix

Part # 100BGQ030
Download  100BGQ030 Click to download

File Size   121.11 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 100 A

100BGQ030 Datasheet (HTML) - Vishay Siliconix

100BGQ030 Datasheet HTML 1Page - Vishay Siliconix 100BGQ030 Datasheet HTML 2Page - Vishay Siliconix 100BGQ030 Datasheet HTML 3Page - Vishay Siliconix 100BGQ030 Datasheet HTML 4Page - Vishay Siliconix 100BGQ030 Datasheet HTML 5Page - Vishay Siliconix 100BGQ030 Datasheet HTML 6Page - Vishay Siliconix

100BGQ030 Product details

DESCRIPTION
The VS-100BGQ030 Schottky rectifier has been optimized for ultralow forward voltage drop specifically for low voltage output in high current AC/DC power supplies. 
The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. Typical applications are in switching power supplies, converters, reverse battery protection, and redundant power subsystems.

FEATURES
• 150 °C max. operating junction temperature
• High frequency operation
• Ultralow forward voltage drop
• Continuous high current operation
• Guard ring for enhanced ruggedness and long term reliability
• Screw mounting only
• Designed and qualified according to JEDEC®-JESD 47
• PowerTab® package
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - 100BGQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
100BGQ030 IRF-100BGQ030 Datasheet
135Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
100BGQ030 VISHAY-100BGQ030 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
logo
International Rectifier
100BGQ030J IRF-100BGQ030J Datasheet
135Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
100BGQ030 VISHAY-100BGQ030_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
More results


Similar Description - 100BGQ030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100BGQ100 VISHAY-100BGQ100 Datasheet
122Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ030 VISHAY-100BGQ030_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
100BGQ100 VISHAY-100BGQ100_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
100BGQ015 VISHAY-100BGQ015 Datasheet
121Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ045 VISHAY-100BGQ045 Datasheet
122Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
VSKDS203 VISHAY-VSKDS203 Datasheet
115Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
100BGQ015 VISHAY-100BGQ015_11 Datasheet
134Kb / 7P
   Schottky Rectifier, 100 A
Revision: 15-Jun-11
VSKDS208 VISHAY-VSKDS208 Datasheet
116Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
VSKDS201 VISHAY-VSKDS201 Datasheet
115Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
VSKDS209 VISHAY-VSKDS209 Datasheet
118Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com