Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30TPS16 Datasheet (PDF) - Vishay Siliconix

30TPS16 Datasheet PDF - Vishay Siliconix
Part # 30TPS16
Download  30TPS16 Download
File Size   139.86 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 20 A

30TPS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
30TPS16 Datasheet PDF - Vishay Siliconix

Part # 30TPS16
Download  30TPS16 Click to download

File Size   139.86 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 20 A

30TPS16 Datasheet (HTML) - Vishay Siliconix


30TPS16 Product details

DESCRIPTION/FEATURES
The 30TPS16PbF High Voltage Series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 °C junction temperature.

Typical applications are in input rectification (soft start) and these products are designed to be used with Vishay HPP input diodes, switches and output rectifiers which are available in identical package outlines.

This product has been designed and qualified for industrial level and lead (Pb)-free (“PbF” suffix).




Similar Part No. - 30TPS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30TPS16 IRF-30TPS16 Datasheet
75Kb / 6P
PHASE CONTROL SCR
logo
Vishay Siliconix
30TPS16 VISHAY-30TPS16 Datasheet
144Kb / 7P
Phase Control SCR, 20 A
Revision: 12-Aug-08
logo
International Rectifier
30TPS16PBF IRF-30TPS16PBF Datasheet
104Kb / 7P
PHASE CONTROL SCR Lead-Free
More results


Similar Description - 30TPS16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30TPS08PBF VISHAY-30TPS08PBF Datasheet
179Kb / 8P
Phase Control SCR, 20 A
Revision: 06-Jun-08
30TPS16 VISHAY-30TPS16 Datasheet
144Kb / 7P
Phase Control SCR, 20 A
Revision: 12-Aug-08
30TPS VISHAY-30TPS Datasheet
145Kb / 7P
Phase Control SCR, 20 A
Revision: 12-Aug-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
Phase Control SCR, 10 A
Revision: 19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
Phase Control SCR, 8 A
Revision: 06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
Phase Control SCR, 35 A
Revision: 12-Sep-08
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
Phase Control SCR, 70 A
Revision: 07-Dec-10
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
Phase Control SCR, 25 A
Revision: 11-Aug-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
Phase Control SCR, 35 A
Revision: 06-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com