Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16RIA60MS90 Datasheet (PDF) - Vishay Siliconix

16RIA60MS90 Datasheet PDF - Vishay Siliconix
Part # 16RIA60MS90
Download  16RIA60MS90 Download

File Size   151.97 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Medium Power Thyristors (Stud Version), 16 A

16RIA60MS90 Datasheet (PDF)

Go To PDF Page Download Datasheet
16RIA60MS90 Datasheet PDF - Vishay Siliconix

Part # 16RIA60MS90
Download  16RIA60MS90 Click to download

File Size   151.97 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Medium Power Thyristors (Stud Version), 16 A

16RIA60MS90 Datasheet (HTML) - Vishay Siliconix

16RIA60MS90 Datasheet HTML 1Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 2Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 3Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 4Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 5Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 6Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 7Page - Vishay Siliconix 16RIA60MS90 Datasheet HTML 8Page - Vishay Siliconix

16RIA60MS90 Product details

FEATURES

• Improved glass passivation for high reliability and exceptional stability at high temperature

• High dI/dt and dV/dt capabilities

• Standard package

• Low thermal resistance

• Metric threads version available

• Types up to 1200 V VDRM/VRRM

• RoHS compliant

• Designed and qualified for industrial and consumer level



TYPICAL APPLICATIONS

• Medium power switching

• Phase control applications

• Can be supplied to meet stringent military, aerospace and

other high reliability requirements

 




Similar Part No. - 16RIA60MS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA60MS90 IRF-16RIA60MS90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
More results


Similar Description - 16RIA60MS90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com