Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V216ATP-70HI Datasheet (PDF) - Renesas Technology Corp

M5M5V216ATP-70HI Datasheet PDF - Renesas Technology Corp
Part # M5M5V216ATP-70HI
Download  M5M5V216ATP-70HI Download
File Size   138.83 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM

M5M5V216ATP-70HI Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5V216ATP-70HI Datasheet PDF - Renesas Technology Corp

Part # M5M5V216ATP-70HI
Download  M5M5V216ATP-70HI Click to download

File Size   138.83 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM

M5M5V216ATP-70HI Datasheet (HTML) - Renesas Technology Corp


M5M5V216ATP-70HI Product details

DESCRIPTION
The M5M5V216A is a family of low voltage 2-Mbit static RAMs organized as 131,072-words by 16-bit, fabricated by Mitsubishis high-performance 0.25µm CMOS technology.
The M5M5V216A is suitable for memory applications where a simple interfacing , battery operating and battery backup are the important design objectives.
M5M5V216ATP, RT are packaged in a 44-pin 400mil thin small outline package. M5M5V216ATP (normal lead bend type package) , M5M5V216ART (reverse lead bend type package) , both types are very easy to design a printed circuit board.

FEATURES
● Single +2.7~+3.6V power supply
● Small stand-by current: 0.3µA(3V,typ.)
● No clocks, No refresh
● Data retention supply voltage=2.0V to 3.6V
● All inputs and outputs are TTL compatible.
● Easy memory expansion by S , BC1 and BC2
● Common Data I/O
● Three-state outputs: OR-tie capability
● OE prevents data contention in the I/O bus
● Process technology: 0.25µm CMOS
● Package: 44 pin 400mil TSOP (II)




Similar Part No. - M5M5V216ATP-70HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Similar Description - M5M5V216ATP-70HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216AWG MITSUBISHI-M5M5V216AWG Datasheet
134Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com