Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR3KM-12 Datasheet (PDF) - Renesas Technology Corp

BCR3KM-12 Datasheet PDF - Renesas Technology Corp
Part # BCR3KM-12
Download  BCR3KM-12 Download

File Size   117.67 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR3KM-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR3KM-12 Datasheet PDF - Renesas Technology Corp

Part # BCR3KM-12
Download  BCR3KM-12 Click to download

File Size   117.67 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Low Power Use

BCR3KM-12 Datasheet (HTML) - Renesas Technology Corp

BCR3KM-12 Datasheet HTML 1Page - Renesas Technology Corp BCR3KM-12 Datasheet HTML 2Page - Renesas Technology Corp BCR3KM-12 Datasheet HTML 3Page - Renesas Technology Corp BCR3KM-12 Datasheet HTML 4Page - Renesas Technology Corp BCR3KM-12 Datasheet HTML 5Page - Renesas Technology Corp BCR3KM-12 Datasheet HTML 6Page - Renesas Technology Corp BCR3KM-12 Datasheet HTML 7Page - Renesas Technology Corp

BCR3KM-12 Product details

Features
• IT(RMS) : 3 A
• VDRM : 600 V
• IFGT I, IRGT I, IRGT III : 15 mA (10 mA)Note3
• Insulated Type
• Planar Passivation Type
• UL Recognized : Yellow Card No. E223904
                                           File No. E80271

Applications
  Electric rice cooker, electric pot, and controller for other heater




Similar Part No. - BCR3KM-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR3KM-12 MITSUBISHI-BCR3KM-12 Datasheet
48Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Kersemi Electronic Co.,...
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR3KM-12LA RENESAS-BCR3KM-12LA Datasheet
140Kb / 8P
   Triac Low Power Use
logo
Kersemi Electronic Co.,...
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR3KM-12LA-A8 RENESAS-BCR3KM-12LA-A8 Datasheet
140Kb / 8P
   Triac Low Power Use
More results


Similar Description - BCR3KM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com