Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6CM-12A Datasheet (PDF) - Renesas Technology Corp

CR6CM-12A Datasheet PDF - Renesas Technology Corp
Part # CR6CM-12A
Download  CR6CM-12A Download

File Size   109.51 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Medium Power Use

CR6CM-12A Datasheet (PDF)

Go To PDF Page Download Datasheet
CR6CM-12A Datasheet PDF - Renesas Technology Corp

Part # CR6CM-12A
Download  CR6CM-12A Click to download

File Size   109.51 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Medium Power Use

CR6CM-12A Datasheet (HTML) - Renesas Technology Corp

CR6CM-12A Datasheet HTML 1Page - Renesas Technology Corp CR6CM-12A Datasheet HTML 2Page - Renesas Technology Corp CR6CM-12A Datasheet HTML 3Page - Renesas Technology Corp CR6CM-12A Datasheet HTML 4Page - Renesas Technology Corp CR6CM-12A Datasheet HTML 5Page - Renesas Technology Corp CR6CM-12A Datasheet HTML 6Page - Renesas Technology Corp CR6CM-12A Datasheet HTML 7Page - Renesas Technology Corp

CR6CM-12A Product details

Features
• IT (AV) : 6 A
• VDRM : 600 V
• IGT : 10 mA
• Non-Insulated Type
• Planar Passivation Type

Applications
    Switching mode power supply, regulator for autocycle, motor control, heater control, and other general purpose control applications




Similar Part No. - CR6CM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6CM-12A RENESAS-CR6CM-12A Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12A-A8 RENESAS-CR6CM-12A-A8 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12A RENESAS-CR6CM-12A_13 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12A RENESAS-CR6CM-12A_15 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
More results


Similar Description - CR6CM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com