Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC241FPEL Datasheet (PDF) - Renesas Technology Corp

HD74HC241FPEL Datasheet PDF - Renesas Technology Corp
Part # HD74HC241FPEL
Download  HD74HC241FPEL Download

File Size   92.85 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)

HD74HC241FPEL Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC241FPEL Datasheet PDF - Renesas Technology Corp

Part # HD74HC241FPEL
Download  HD74HC241FPEL Click to download

File Size   92.85 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)

HD74HC241FPEL Datasheet (HTML) - Renesas Technology Corp

HD74HC241FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC241FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC241FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC241FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC241FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC241FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC241FPEL Datasheet HTML 7Page - Renesas Technology Corp

HD74HC241FPEL Product details

Description
The HD74HC241 is a noninverting buffer and has one active low enable and one active high enable. Each enable independently controls 4 buffers.
This device does not have schmitt trigger inputs

Features
• High Speed Operation: tpd = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)



Similar Part No. - HD74HC241FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC241 HITACHI-HD74HC241 Datasheet
58Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
More results


Similar Description - HD74HC241FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT241 HITACHI-HD74HCT241 Datasheet
58Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HC244 HITACHI-HD74HC244 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC244 RENESAS-HD74HC244 Datasheet
108Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT244 HITACHI-HD74HCT244 Datasheet
58Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(noninverted 3-state outputs)
HD74HC241 HITACHI-HD74HC241 Datasheet
58Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com