Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HN58X25128IAG Datasheet (PDF) - Renesas Technology Corp

HN58X25128IAG Datasheet PDF - Renesas Technology Corp
Part No. HN58X25128IAG
Download  HN58X25128IAG Click to view

File Size   598.34 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory

HN58X25128IAG Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58X25128IAG Datasheet PDF - Renesas Technology Corp

Part No. HN58X25128IAG
Download  HN58X25128IAG Click to view

File Size   598.34 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory

HN58X25128IAG Datasheet (HTML) - Renesas Technology Corp

Back Button HN58X25128IAG Datasheet HTML 1Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 2Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 3Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 4Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 5Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 6Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 7Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 8Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 9Page - Renesas Technology Corp HN58X25128IAG Datasheet HTML 10Page - Renesas Technology Corp Next Button 

HN58X25128IAG Product details

Description
HN58X25xxx Series is the Serial Peripheral Interface compatible (SPI) EEPROM (Electrically Erasable and Programmable ROM). It realizes high speed, low power consumption and a high level of reliability by employing advanced MONOS memory technology and CMOS process and low voltage circuitry technology. It also has a 64-byte page programming function to make it’s write operation faster.

Features
• Single supply: 1.8 V to 5.5 V
• Serial Peripheral Interface compatible (SPI bus) 
    - SPI mode 0 (0,0), 3 (1,1)
• Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V)
• Power dissipation:
 - Standby: 3 µA (max)
 - Active (Read): 4 mA (max)
 - Active (Write): 4 mA (max)
• Automatic page write: 64-byte/page
• Write cycle time: 5 ms (2.5 V min), 8 ms (1.8 V min)
• Endurance: 106 Erase/Write Cycles
• Data retention: 10 Years
• Small size packages: SOP-8pin and TSSOP-14pin
• Shipping tape and reel
 - TSSOP-14pin : 2,000 IC/reel
 - SOP-8pin : 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free product.



Similar Part No. - HN58X25128IAG

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X25128IAG

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com