Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6N20TM Datasheet (PDF) - Fairchild Semiconductor

FDD6N20TM Datasheet PDF - Fairchild Semiconductor
Part # FDD6N20TM
Download  FDD6N20TM Download

File Size   371.47 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET

FDD6N20TM Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6N20TM Datasheet PDF - Fairchild Semiconductor

Part # FDD6N20TM
Download  FDD6N20TM Click to download

File Size   371.47 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET

FDD6N20TM Datasheet (HTML) - Fairchild Semiconductor

FDD6N20TM Datasheet HTML 1Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 2Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 3Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 4Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 5Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 6Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 7Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 8Page - Fairchild Semiconductor FDD6N20TM Datasheet HTML 9Page - Fairchild Semiconductor

FDD6N20TM Product details

Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies and active power factor correction.
   
Features
• RDS(on) = 0.6Ω ( Typ. )@ VGS = 10V, ID = 2.3A
• Low gate charge ( Typ. 4.7nC )
• Low Crss ( Typ. 6.3pF )
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
   




Similar Part No. - FDD6N20TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6N20TM FAIRCHILD-FDD6N20TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDD6N20TM ISC-FDD6N20TM Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDD6N20TM

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com