Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB12N50F Datasheet (PDF) - Fairchild Semiconductor

FDB12N50F Datasheet PDF - Fairchild Semiconductor
Part # FDB12N50F
Download  FDB12N50F Download

File Size   597.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓

FDB12N50F Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB12N50F Datasheet PDF - Fairchild Semiconductor

Part # FDB12N50F
Download  FDB12N50F Click to download

File Size   597.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓

FDB12N50F Datasheet (HTML) - Fairchild Semiconductor

FDB12N50F Datasheet HTML 1Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 2Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 3Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 4Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 5Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 6Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 7Page - Fairchild Semiconductor FDB12N50F Datasheet HTML 8Page - Fairchild Semiconductor

FDB12N50F Product details

Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advance technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switching mode power supplies and active power factor correction.

Features
• RDS(on) = 0.59Ω ( Typ.)@ VGS = 10V, ID = 6A
• Low gate charge ( Typ. 21nC)
• Low Crss ( Typ. 11pF)
• Fast switching
• 100% avalanche tested
• Improve dv/dt capability
• RoHS compliant




Similar Part No. - FDB12N50F

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDB12N50F VBSEMI-FDB12N50F Datasheet
1Mb / 10P
   N-Channel 65 0V (D-S)Power MOSFET
logo
Inchange Semiconductor ...
FDB12N50F ISC-FDB12N50F Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
More results


Similar Description - FDB12N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com