Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ75C Datasheet (PDF) - UNIOHM CORPORATION

SMBJ75C Datasheet PDF - UNIOHM CORPORATION
Part # SMBJ75C
Download  SMBJ75C Download

File Size   337.8 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMBJ75C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ75C Datasheet PDF - UNIOHM CORPORATION

Part # SMBJ75C
Download  SMBJ75C Click to download

File Size   337.8 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMBJ75C Datasheet (HTML) - UNIOHM CORPORATION

SMBJ75C Datasheet HTML 1Page - UNIOHM CORPORATION SMBJ75C Datasheet HTML 2Page - UNIOHM CORPORATION SMBJ75C Datasheet HTML 3Page - UNIOHM CORPORATION SMBJ75C Datasheet HTML 4Page - UNIOHM CORPORATION

SMBJ75C Product details

VOLTAGE RANGE 5.0 to 170 Volts 600 Watts Peak Power

FEATURES
* For surface mount application
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V
* High temperature soldering guaranteed:
   260 °C / 10 seconds at terminals




Similar Part No. - SMBJ75C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ75C BYTES-SMBJ75C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ75C SOCAY-SMBJ75C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ75C EIC-SMBJ75C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ75C SOCAY-SMBJ75C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ75C MCC-SMBJ75C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Similar Description - SMBJ75C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com