Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC80251A1 Datasheet (PDF) - TEMIC Semiconductors

TSC80251A1 Datasheet PDF - TEMIC Semiconductors
Part # TSC80251A1
Download  TSC80251A1 Download

File Size   776.33 Kbytes
Page   166 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Extended 8-bit Microcontroller with Analog Interfaces

TSC80251A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC80251A1 Datasheet PDF - TEMIC Semiconductors

Part # TSC80251A1
Download  TSC80251A1 Click to download

File Size   776.33 Kbytes
Page   166 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Extended 8-bit Microcontroller with Analog Interfaces

TSC80251A1 Datasheet (HTML) - TEMIC Semiconductors

Back Button TSC80251A1 Datasheet HTML 1Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 2Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 3Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 4Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 5Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 6Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 7Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 8Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 9Page - TEMIC Semiconductors TSC80251A1 Datasheet HTML 10Page - TEMIC Semiconductors Next Button 

TSC80251A1 Product details

General Introduction



The TSC80251A1 products are derivatives of the TEMIC Application Specific Microcontroller family based on the extended 8–bit C251 Architecture described below. This family of products are tailored to Microcontroller applications requiring analog interface structures.



Three major peripheral blocks have been implemented to provide this facility to the designer:



• Analog to Digital Converter: 4 inputs at 8–bit resolution.

• Pulse Measurement Unit (PMU): 3 modules used to interface to smart analog sensors.

• Event and Waveform Controller (EWC): 5 programmable Counters e.g. for Pulse Width Modulation (PWM) or Compare/Capture functions.



Introduction to TSC80251A1



Core Features

Based on the extended 8–bit C251 Architecture, the TSC80251A1 includes a complete set of new or improved C51 compatible peripherals as well as a 4 channels 8–bit A/D converter for communication with the analog environment.



The key features of the new C251 Architecture are:

• Register–based Architecture:

   ▪ 40–byte Register File

   ▪ Registers accessible as Bytes, Words, and Double Word.

• 3-stage instruction pipeline

• Enriched Instruction Set

   ▪ 16–bit and 32–bit arithmetic and logic instructions

   ▪ Compare and conditional jump instructions

   ▪ Expanded set of Move instructions

• Reduced Instruction Set

   ▪ 189 generic instructions

   ▪ Free space for additional instructions in the future

   ▪ Additionally all 80C51 instructions are usable in binary mode

• 16–bit internal code fetch

• 64 Kbytes extended stack space

• Maximum addressable memory 16 Mbytes



The benefits of this new architecture are:

• 5 times 80C51 performances in binary mode (80C51 binary code compatibility)

• 15 times 80C51 performances in source mode (full architecture performance)

• Up to a factor 3 of code size reduction (when a C for 80C51 program is recompiled in C251 language)

• Reduction of RFI and power consumption (reduced operating frequency)

• Complete System Development Support

   ▪ Compatible with existing tools

   ▪ New tools available: Compiler, Assembler, Debugger, ICE

• Efficient C language support



Product Features

• 1 Kbyte of internal RAM

• TSC83251A1: 24 Kbytes of on-chip masked ROM

• TSC87251A1: 24 Kbytes of internal programmable ROM (OTP or UV erasable in window package)

• TSC80251A1: ROMless version

• External memory space (Code/Data): 256 Kbytes

• Four 8–bit parallel I/O Ports (Ports 0, 1, 2 and 3 of the standard 80C51)

• Two 16–bit Timers/Counters (Timers 0 and 1 of the standard 80C51)

• Serial I/O Port : full duplex UART (80C51 compatible)

• Three PMU: Pulse Measurement Unit for smart analog interface

   For each of the three modules:

      ▪ 8–bit prescaler

      ▪ 8–bit Timer for period and width measurements (duty cycle)

      ▪ The measurement can start either on the rising or on the falling edge

      ▪ One interrupt

      ▪ Only one port line is used

• EWC: Event and Waveform Controller

   ▪ High-speed output

   ▪ Compare/Capture inputs

   ▪ PWM: Pulse Width Modulator

   ▪ Watchdog Timer capabilities

   ▪ Compatible with PCA: Programmable Counter Array (5 x 16–bit modules)

• 8–bit Analog to Digital Converter

   ▪ 4 channels

   ▪ Conversion time: 600 clock periods (37.5 µs at 16 MHz)

• Power Management

   ▪ Power–On reset (integrated on the chip)

   ▪ Power–Off flag (cold and warm resets)

   ▪ Power-Fail detector

   ▪ Power consumption reduction

   ▪ Software programmable system clock

      ▪ Idle and Power–Down modes

      • Power Supply: 5V ± 10%

• Up to 16 MHz operation and three temperature ranges(*):

   ▪ Commercial (0 to 70°C)

   ▪ Industrial (–40 to +85°C)

   ▪ Automotive (–40 to +125°C)

• Packages: PLCC44, CQPJ44 (window) and TQFP44(**)



 




Similar Part No. - TSC80251A1

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251G1D-16CA TEMIC-TSC80251G1D-16CA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251G1D-16CB TEMIC-TSC80251G1D-16CB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
More results


Similar Description - TSC80251A1

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
Microchip Technology
PIC16F1782 MICROCHIP-PIC16F1782_12 Datasheet
7Mb / 450P
   28-Pin 8-Bit Advanced Analog Flash Microcontroller
10/26/12
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
P89C669 PHILIPS-P89C669 Datasheet
827Kb / 33P
   80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
Rev. 02-13 November 2003
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com