Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSC87251G1A Datasheet (PDF) - TEMIC Semiconductors

TSC87251G1A Datasheet PDF - TEMIC Semiconductors
Part No. TSC87251G1A
Download  TSC87251G1A Click to view

File Size   341.19 Kbytes
Page   52 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Extended 8-bit Microcontroller with Serial Communication

TSC87251G1A Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC87251G1A Datasheet PDF - TEMIC Semiconductors

Part No. TSC87251G1A
Download  TSC87251G1A Click to view

File Size   341.19 Kbytes
Page   52 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Extended 8-bit Microcontroller with Serial Communication

TSC87251G1A Datasheet (HTML) - TEMIC Semiconductors

Back Button TSC87251G1A Datasheet HTML 1Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 2Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 3Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 4Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 5Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 6Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 7Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 8Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 9Page - TEMIC Semiconductors TSC87251G1A Datasheet HTML 10Page - TEMIC Semiconductors Next Button 

TSC87251G1A Product details

Description

The TSC87251G1A products are derivatives of the TEMIC Microcontroller family based on the extended 8–bit C251 Architecture. This family of products is tailored to 8–bit microcontroller applications requiring an increased instruction throughput, a reduced operating frequency or a larger addressable memory space. The architecture can provide a significant code size reduction when compiling C programs while fully preserving the legacy of C51 assembly routines.

The TSC87251G1A derivatives are pin–out and software compatible with standard 80C51/Fx/Rx with extended on–chip data memory (1 Kbyte RAM), on–chip memory (16 Kbytes EPROM/OTPROM) and up to 256 Kbytes of external code and data. They provide transparent enhancements to Intel’s 87C251Sx family with an additional Synchronous Serial Link Controller (SSLC supporting I2C, µWire and SPI protocols), a Keyboard interrupt interface and Power Monitoring and Management features.



Features

• Pin–Out and software compatibility with standard 80C51 products and 80C51FA/FB/RA/RB

• Plug–in replacement of Intel’s 80C251Sx

• C251 core: Intel’s MCS® 251 step A compliance

   ▪ 125 ns Instruction cycle time at 16 MHz

   ▪ 40–byte Register File

   ▪ Registers Accessible as Bytes, Words or Dwords

   ▪ Six–stage instruction Pipeline

   ▪ 16–bit Internal Code Fetch

• Enriched C51 Instruction Set

   ▪ 16–bit and 32–bit ALU

   ▪ Compare and Conditional Jump Instructions

   ▪ Expanded Set of Move Instructions

• Linear Addressing

• 1 Kbyte of on–chip RAM

• External memory space (Code/Data) programmable from 64 Kbytes to 256 Kbytes

• TSC87251G1A: 16 Kbytes of on–chip EPROM/OTPROM (production with TSC83251G1D: on–chip masked ROM version)

• SINGLE–PULSE Programming Algorithm

• Four 8–bit parallel I/O Ports (Ports 0, 1, 2 and 3 of the standard 80C51)

• Serial I/O Port: full duplex UART (80C51 compatible) with independent Baud Rate Generator

• SSLC: Synchronous Serial Link Controller

   ▪ I2C master only protocol

   ▪ µWire and SPI master only protocol

• Three 16–bit Timers/Counters (Timers 0, 1 and 2 of the standard 80C51)

• EWC: Event and Waveform Controller

   ▪ Compatible with Intel’s Programmable Counter Array (PCA)

   ▪ Common 16–bit Timer/Counter reference with four possible clock sources (Fosc/4, Fosc/12, Timer 1 and external input)

   ▪ Five modules with four programmable modes:

      – 16–bit software Timer/Counter

      – 16–bit Timer/Counter Capture Input and software pulse measurement

      – High–speed output and 16–bit software Pulse Width Modulation (PWM)

      – 8–bit hardware PWM without overhead

   ▪ 16–bit Watchdog Timer/Counter capability

• Secured 14–bit Hardware Watchdog Timer

• Power Monitoring and Management

   ▪ Power–Fail reset

   ▪ Power–On reset (integrated on the chip)

   ▪ Power–Off flag (cold and warm resets)

   ▪ Software programmable system clock

   ▪ Idle and Power–Down modes

• Keyboard interrupt interface on Port 1

• ONCE mode and full speed Real–Time In–Circuit Emulation support (Third Party Vendors)

• Speed ranges:

   ▪ 0 to 16 MHz

• Supply ranges:

   ▪ 5 V ±10 %

• Temperature ranges:

   ▪ Commercial (0°C to +70°C)

   ▪ Industrial (–40°C to +85°C)

   ▪ Option: extended range (–55°C to +125°C)

• Packages:

   ▪ PDIL 40, PLCC 44

   ▪ UV–Window CQPJ 44

   ▪ Options: known good dice and ceramic packages

  

Typical Applications

• ISDN terminals

• High–Speed modems

• PABX (SOHO)

• Networking

• Line cards

• Computer peripherals

• Printers

• Plotters

• Scanners

• Banking machines

• Barcode readers

• Smart cards readers

• High–end digital monitors

• High–end joysticks



 



Similar Part No. - TSC87251G1A

ManufacturerPart No.DatasheetDescription
TEMIC Semiconductors
TEMIC Semiconductors
TSC87251G2D TEMIC-TSC87251G2D Datasheet
153Kb / 28P
   0.5 Um SCMOS3 Technology
ATMEL Corporation
ATMEL Corporation
TSC87251G2D ATMEL-TSC87251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC87251G2D ATMEL-TSC87251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC87251G2D-16CB ATMEL-TSC87251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TEMIC Semiconductors
TEMIC Semiconductors
TSC87251G2D-16CB TEMIC-TSC87251G2D-16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Similar Description - TSC87251G1A

ManufacturerPart No.DatasheetDescription
TEMIC Semiconductors
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
ATMEL Corporation
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TEMIC Semiconductors
TEMIC Semiconductors
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
ATMEL Corporation
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
Intel Corporation
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
NXP Semiconductors
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
Intel Corporation
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
ATMEL Corporation
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
NXP Semiconductors
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com