Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADXL330Z Datasheet (PDF) - Analog Devices

EVAL-ADXL330Z Datasheet PDF - Analog Devices
Part # EVAL-ADXL330Z
Download  EVAL-ADXL330Z Download
File Size   69.49 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three-Axis Accelerometer Evaluation Board

EVAL-ADXL330Z Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-ADXL330Z Datasheet PDF - Analog Devices

Part # EVAL-ADXL330Z
Download  EVAL-ADXL330Z Click to download

File Size   69.49 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three-Axis Accelerometer Evaluation Board

EVAL-ADXL330Z Datasheet (HTML) - Analog Devices


EVAL-ADXL330Z Product details

GENERAL DESCRIPTION

The ADXL330 is a small, thin, low power, complete 3-axis accelerometer with signal conditioned voltage outputs, all on a single monolithic IC. The product measures acceleration with a minimum full-scale range of ±3 g. It can measure the static acceleration of gravity in tilt-sensing applications, as well as dynamic acceleration resulting from motion, shock, or vibration.



FEATURES

  3-axis sensing

  Small, low-profile package

     4 mm × 4 mm × 1.45 mm LFCSP

  Low power

     180 μA at VS = 1.8 V (typical)

  Single-supply operation

     1.8 V to 3.6 V

  10,000 g shock survival

  Excellent temperature stability

  BW adjustment with a single capacitor per axis

  RoHS/WEEE lead-free compliant



APPLICATIONS

  Cost-sensitive, low power, motion- and tilt-sensing applications

  Mobile devices

  Gaming systems

  Disk drive protection

  Image stabilization

  Sports and health devices



 




Similar Part No. - EVAL-ADXL330Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADXL330Z1 AD-EVAL-ADXL330Z1 Datasheet
489Kb / 16P
Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
More results


Similar Description - EVAL-ADXL330Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL202EB AD-ADXL202EB Datasheet
50Kb / 2P
Dual Axis Accelerometer Evaluation Board
REV. 0
logo
Freescale Semiconductor...
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
MPU-9150 ETC2-MPU-9150 Datasheet
1Mb / 15P
9-Axis Evaluation Board
logo
Freescale Semiconductor...
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
Three Axis Low-g Digital Output Accelerometer
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
,-1.5g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
Axis Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
Digital Three-Axis Accelerometer
Rev A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com