Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393 Datasheet (PDF) - TAITRON Components Incorporated

LM393 Datasheet PDF - TAITRON Components Incorporated
Part # LM393
Download  LM393 Download

File Size   303.34 Kbytes
Page   11 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Voltage Comparator

LM393 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM393 Datasheet PDF - TAITRON Components Incorporated

Part # LM393
Download  LM393 Click to download

File Size   303.34 Kbytes
Page   11 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Voltage Comparator

LM393 Datasheet (HTML) - TAITRON Components Incorporated

Back Button LM393 Datasheet HTML 1Page - TAITRON Components Incorporated LM393 Datasheet HTML 2Page - TAITRON Components Incorporated LM393 Datasheet HTML 3Page - TAITRON Components Incorporated LM393 Datasheet HTML 4Page - TAITRON Components Incorporated LM393 Datasheet HTML 5Page - TAITRON Components Incorporated LM393 Datasheet HTML 6Page - TAITRON Components Incorporated LM393 Datasheet HTML 7Page - TAITRON Components Incorporated LM393 Datasheet HTML 8Page - TAITRON Components Incorporated LM393 Datasheet HTML 9Page - TAITRON Components Incorporated LM393 Datasheet HTML 10Page - TAITRON Components Incorporated Next Button 

LM393 Product details

General Description

• The TCI LM393 consist of two independent voltage comparator, designed specifically to operate from a single power supply over a wide voltage range.

• The LM393 is available in standard DIP-8, SOP-8 and TSSOP-8 packages.



Features

• Single or dual supply operation

• Wide operating supply range

(VCC=2V ~ 36V or ±1 ~ ±18V)

• Input common-mode voltage includes ground

• Low supply current drain ICC=0.8mA (Typical)

• Low input bias current IBIAS=25nA (Typical)

• Output compatible with TTL, DTL, and CMOS logic system

• RoHS Compliance



Applications

• Battery Charger

• Cordless Telephone

• Switching Power Supply

• PC Motherboard

• Communication Equipment




Similar Part No. - LM393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
More results


Similar Description - LM393

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com