Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBPC602 Datasheet (PDF) - TAITRON Components Incorporated

GBPC602 Datasheet PDF - TAITRON Components Incorporated
Part # GBPC602
Download  GBPC602 Download

File Size   210.94 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 6.0A Glass Passivated Bridge Rectifier

GBPC602 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC602 Datasheet PDF - TAITRON Components Incorporated

Part # GBPC602
Download  GBPC602 Click to download

File Size   210.94 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 6.0A Glass Passivated Bridge Rectifier

GBPC602 Datasheet (HTML) - TAITRON Components Incorporated

GBPC602 Datasheet HTML 1Page - TAITRON Components Incorporated GBPC602 Datasheet HTML 2Page - TAITRON Components Incorporated GBPC602 Datasheet HTML 3Page - TAITRON Components Incorporated GBPC602 Datasheet HTML 4Page - TAITRON Components Incorporated

GBPC602 Product details

Features
• Glass passivated chip junction
• High case dielectric strength 1500 VRMS
• Typical IR less than 0.5µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds 0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS compliant



Similar Part No. - GBPC602

ManufacturerPart #DatasheetDescription
Shanghai Lunsure Electronic Tech
Shanghai Lunsure Electr...
GBPC602 CHENYI-GBPC602 Datasheet
205Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
General Semiconductor
General Semiconductor
GBPC602 GE-GBPC602 Datasheet
84Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Vishay Siliconix
Vishay Siliconix
GBPC602 VISHAY-GBPC602 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
GBPC602 VISHAY-GBPC602 Datasheet
99Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
MIC GROUP RECTIFIERS
MIC GROUP RECTIFIERS
GBPC602 MIC-GBPC602 Datasheet
70Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC602

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
GBJ6005 DIODES-GBJ6005_15 Datasheet
78Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Zibo Seno Electronic Engineering Co.,Ltd
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBL6005 ZSELEC-KBL6005 Datasheet
337Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
DONGGUAN YOU FENG WEI E...
KBJ601 YFWDIODE-KBJ601 Datasheet
537Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU601G YFWDIODE-GBU601G Datasheet
541Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Zibo Seno Electronic Engineering Co.,Ltd
Zibo Seno Electronic En...
RS601 ZSELEC-RS601 Datasheet
134Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005 ZSELEC-RS6005 Datasheet
134Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Yea Shin Technology Co., Ltd
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Won-Top Electronics
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com