Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1181 Datasheet (PDF) - Maxim Integrated Products

MAX1181 Datasheet PDF - Maxim Integrated Products
Part No. MAX1181
Download  MAX1181 Click to view

File Size   304.37 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1181 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1181 Datasheet PDF - Maxim Integrated Products

Part No. MAX1181
Download  MAX1181 Click to view

File Size   304.37 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1181 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1181 Datasheet HTML 1Page - Maxim Integrated Products MAX1181 Datasheet HTML 2Page - Maxim Integrated Products MAX1181 Datasheet HTML 3Page - Maxim Integrated Products MAX1181 Datasheet HTML 4Page - Maxim Integrated Products MAX1181 Datasheet HTML 5Page - Maxim Integrated Products MAX1181 Datasheet HTML 6Page - Maxim Integrated Products MAX1181 Datasheet HTML 7Page - Maxim Integrated Products MAX1181 Datasheet HTML 8Page - Maxim Integrated Products MAX1181 Datasheet HTML 9Page - Maxim Integrated Products MAX1181 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1181 Product details

General Description
The MAX1181 is a 3V, dual 10-bit, analog-to-digital converter (ADC) featuring fully-differential wideband track-and-hold (T/H) inputs, driving two pipelined, nine stage ADCs. The MAX1181 is optimized for low-power, high-dynamic performance applications in imaging, instrumentation, and digital communication applications. The MAX1181 operates from a single 2.7V to 3.6V supply, consuming only 246mW, while delivering a typical signal-to-noise ratio (SNR) of 59dB at an input frequency of 20MHz and a sampling rate of 80Msps. The T/H driven input stages incorporate 400MHz (-3dB) input amplifiers. The converters may also be operated with single-ended inputs. In addition to low operating power, the MAX1181 features a 2.8mA sleep mode, as well as a 1µA power-down mode to conserve power during idle periods.

Features
♦ Single 3V Operation
♦ Excellent Dynamic Performance
    59dB SNR at fIN = 20MHz
    73dB SFDR at fIN = 20MHz
♦ Low Power
    82mA (Normal Operation)
    2.8mA (Sleep Mode)
    1µA (Shutdown Mode)
♦ 0.02dB Gain and 0.25° Phase Matching (typ)
♦ Wide ±1VP-P Differential Analog Input Voltage Range
♦ 400MHz, -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ User-Selectable Output Format—Two’s Complement or Offset Binary
♦ 48-Pin TQFP Package with Exposed Pad for Improved Thermal Dissipation
♦ Evaluation Kit Available

Applications
    High-Resolution Imaging
    I/Q Channel Digitization
    Multichannel IF Undersampling
    Instrumentation
    Video Application



Similar Part No. - MAX1181

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1181 MAXIM-MAX1181 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
MAX11811 MAXIM-MAX11811 Datasheet
6Mb / 23P
   Touch Evaluation System (TEVS)
Rev 0; 9/10
MAX11811 MAXIM-MAX11811 Datasheet
6Mb / 23P
   Pseudo Multi-Touch Demonstration
Rev 0; 9/10
MAX11811TEVS MAXIM-MAX11811TEVS Datasheet
6Mb / 23P
   Pseudo Multi-Touch Demonstration
Rev 0; 9/10
More results

Similar Description - MAX1181

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz