Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCO-030TX-25-49.152 Datasheet (PDF) - Crystek Corporation

CCO-030TX-25-49.152 Datasheet PDF - Crystek Corporation
Part # CCO-030TX-25-49.152
Download  CCO-030TX-25-49.152 Download

File Size   116.48 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description 8 & 14 Pin Dip, 3.3V, HCMOS Clock Oscillator

CCO-030TX-25-49.152 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCO-030TX-25-49.152 Datasheet PDF - Crystek Corporation

Part # CCO-030TX-25-49.152
Download  CCO-030TX-25-49.152 Click to download

File Size   116.48 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description 8 & 14 Pin Dip, 3.3V, HCMOS Clock Oscillator

CCO-030TX-25-49.152 Datasheet (HTML) - Crystek Corporation

CCO-030TX-25-49.152 Datasheet HTML 1Page - Crystek Corporation



Similar Part No. - CCO-030TX-25-49.152

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
   8 & 14 Pin Dip, 3.3V, HCMOS
More results


Similar Description - CCO-030TX-25-49.152

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
N33XX CRYSTEKCRYSTAL-N33XX Datasheet
104Kb / 1P
   Clock Oscillator 14 Pin Dip, 3.3V, HCMOS
S33XX CRYSTEKCRYSTAL-S33XX Datasheet
106Kb / 1P
   Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
   8 & 14 Pin Dip, 3.3V, HCMOS
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
logo
Connor-Winfield Corpora...
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
logo
Crystek Corporation
CVXO-030S CRYSTEKCRYSTAL-CVXO-030S Datasheet
119Kb / 1P
   Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 3.3V, HCMOS
logo
Connor-Winfield Corpora...
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
   3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
logo
Crystek Corporation
N32XX CRYSTEKCRYSTAL-N32XX Datasheet
105Kb / 1P
   Clock Oscillator 14 Pin Dip, 5V, HCMOS/TTL
S32XX CRYSTEKCRYSTAL-S32XX Datasheet
105Kb / 1P
   Clock Oscillator 8 Pin Dip, 5V, HCMOS/TTL
More results




About Crystek Corporation


Crystek Corporation is a company that designs and manufactures high-performance frequency control and timing products for a wide range of industries, including aerospace, defense, telecommunications, and medical equipment.

The company's product portfolio includes crystal oscillators, VCXOs (voltage-controlled crystal oscillators), TCXOs (temperature-compensated crystal oscillators), OCXOs (oven-controlled crystal oscillators), and RF/microwave components such as filters, mixers, and amplifiers.

Crystek Corporation was founded in 1958 and is based in Fort Myers, Florida, USA. The company has a strong focus on research and development, and it works closely with its customers to provide customized solutions to meet their specific requirements. Crystek is also known for its high-quality manufacturing processes and rigorous testing procedures, which help to ensure the reliability and performance of its products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com