Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL11X Datasheet (PDF) - Everlight Electronics Co., Ltd

TIL11X Datasheet PDF - Everlight Electronics Co., Ltd
Part # TIL11X
Download  TIL11X Download

File Size   419.49 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER

TIL11X Datasheet (PDF)

Go To PDF Page Download Datasheet
TIL11X Datasheet PDF - Everlight Electronics Co., Ltd

Part # TIL11X
Download  TIL11X Click to download

File Size   419.49 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER

TIL11X Datasheet (HTML) - Everlight Electronics Co., Ltd

Back Button TIL11X Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 9Page - Everlight Electronics Co., Ltd TIL11X Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button 

TIL11X Product details

Description
The TIL11X series and MCT2X series of devices each consist of an infrared emitting diode optically coupled to a phototransistor detector.
They are packaged in a 6-pin DIP package and available in wide-lead spacing and SMD option.

Features
• TIL11X series: TIL111, TIL117
• MCT2X series: MCT2, MCT2E
• High isolation voltage between input and output
   Viso = 5000 Vrms
• Creepage distance >7.6mm
• Compact dual-in-line package
• Operating temperature up to +110°C
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approval
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved

Applications
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
• Appliance system
• Industrial controls




Similar Part No. - TIL11X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
TIL11X EVERLIGHT-TIL11X Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Similar Description - TIL11X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com