Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13305F00B Datasheet (PDF) - Epson Company

S1D13305F00B Datasheet PDF - Epson Company
Part # S1D13305F00B
Download  S1D13305F00B Download

File Size   535.75 Kbytes
Page   94 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description LCD Controller ICs

S1D13305F00B Datasheet (PDF)

Go To PDF Page Download Datasheet
S1D13305F00B Datasheet PDF - Epson Company

Part # S1D13305F00B
Download  S1D13305F00B Click to download

File Size   535.75 Kbytes
Page   94 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description LCD Controller ICs

S1D13305F00B Datasheet (HTML) - Epson Company

Back Button S1D13305F00B Datasheet HTML 1Page - Epson Company S1D13305F00B Datasheet HTML 2Page - Epson Company S1D13305F00B Datasheet HTML 3Page - Epson Company S1D13305F00B Datasheet HTML 4Page - Epson Company S1D13305F00B Datasheet HTML 5Page - Epson Company S1D13305F00B Datasheet HTML 6Page - Epson Company S1D13305F00B Datasheet HTML 7Page - Epson Company S1D13305F00B Datasheet HTML 8Page - Epson Company S1D13305F00B Datasheet HTML 9Page - Epson Company S1D13305F00B Datasheet HTML 10Page - Epson Company Next Button 

S1D13305F00B Product details

OVERVIEW

The S1D13305 series is a controller IC that can display text and graphics on LCD panel.

The S1D13305 series can display layered text and graph ics, scroll the display in any direction and partition the display into multiple screens.

The S1D13305 series stores text, character codes and bit mapped graphics data in external frame buffer memory. Display controller functions include transferring data from the controlling microprocessor to the buffer memory, reading memory data, converting data to display pixels

and generating timing signals for the buffer memory, LCD panel.

The S1D13305 series has an internal character generator with 160, 5 ×7 pixel characters in internal mask ROM. The character generators support up to 64, 8 ×16 pixel characters in external character generator RAM and up to 256, 8 ×16 pixel characters in external character generator ROM.



FEATURES

• Text, graphics and combined text/graphics display modes

• Three overlapping screens in graphics mode

• Up to 640 ×256 pixel LCD panel display resolution

• Programmable cursor control

• Smooth horizontal and vertical scrolling of all or part of the display

• 1/2-duty to 1/256-duty LCD drive

• Up to 640 ×256 pixel LCD panel display resolution memory

• 160, 5 ×7 pixel characters in internal mask-program med character generator ROM

• Up to 64, 8 ×16 pixel characters in external character generator RAM

• Up to 256, 8 ×16 pixel characters in external character generator ROM

• 6800 and 8080 family microprocessor interfaces

• Low power consumption—3.5 mA operating current

  (VDD= 3.5V), 0.05 µA standby current

• 2.7 to 5.5 V (S1D13305F)



 




Similar Part No. - S1D13305F00B

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
More results


Similar Description - S1D13305F00B

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1330F ETC-SED1330F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com