Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-796BSRC-B Datasheet (PDF) - Kingbright Corporation

L-796BSRC-B Datasheet PDF - Kingbright Corporation
Part # L-796BSRC-B
Download  L-796BSRC-B Download

File Size   92.08 Kbytes
Page   3 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 8mm BLINKING LED LAMP

L-796BSRC-B Datasheet (PDF)

Go To PDF Page Download Datasheet
L-796BSRC-B Datasheet PDF - Kingbright Corporation

Part # L-796BSRC-B
Download  L-796BSRC-B Click to download

File Size   92.08 Kbytes
Page   3 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 8mm BLINKING LED LAMP

L-796BSRC-B Datasheet (HTML) - Kingbright Corporation

L-796BSRC-B Datasheet HTML 1Page - Kingbright Corporation L-796BSRC-B Datasheet HTML 2Page - Kingbright Corporation L-796BSRC-B Datasheet HTML 3Page - Kingbright Corporation

L-796BSRC-B Product details

Features
● 8mm DIAMETER BIG LAMP WITH BUILT-IN BLINKING IC.
● OPERATION VOLTAGE FROM 3.5V to 14V.
● BLINKING FREQUENCY FROM 3.0Hz to 1.5Hz.




Similar Part No. - L-796BSRC-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-796BSRC-B KINGBRIGHT-L-796BSRC-B Datasheet
120Kb / 5P
   8mm BLINKING LED LAMPS
More results


Similar Description - L-796BSRC-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-796BID KINGBRIGHT-L-796BID Datasheet
120Kb / 5P
   8mm BLINKING LED LAMPS
logo
Micro Electronics
MSB557DA MICRO-ELECTRONICS-MSB557DA_05 Datasheet
52Kb / 1P
   BLINKING LED LAMP
MSB557TA-5 MICRO-ELECTRONICS-MSB557TA-5_05 Datasheet
68Kb / 1P
   BLINKING LED LAMP
MSB557TA MICRO-ELECTRONICS-MSB557TA_05 Datasheet
52Kb / 1P
   BLINKING LED LAMP
logo
Marktech Corporate
MT1198 MARKTECH-MT1198 Datasheet
133Kb / 2P
   8mm LED LAMP
logo
BetLux Electronics
BL-L513SRC-B BETLUX-BL-L513SRC-B Datasheet
73Kb / 3P
   Round Type, Blinking LED lamp
logo
Kingbright Corporation
L-816BID KINGBRIGHT-L-816BID Datasheet
93Kb / 3P
   10mm ROUND, BLINKING LED LAMP
logo
BetLux Electronics
BL-L513XX-B BETLUX-BL-L513XX-B Datasheet
232Kb / 4P
   Round Type, Blinking LED lamp
logo
Kingbright Corporation
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
   8mm ROUND LED LAMP
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com