Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7113 Datasheet (PDF) - NTE Electronics

NTE7113 Datasheet PDF - NTE Electronics
Part # NTE7113
Download  NTE7113 Download

File Size   82.34 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amplifier, 14W BTL

NTE7113 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7113 Datasheet PDF - NTE Electronics

Part # NTE7113
Download  NTE7113 Click to download

File Size   82.34 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amplifier, 14W BTL

NTE7113 Datasheet (HTML) - NTE Electronics

NTE7113 Datasheet HTML 1Page - NTE Electronics NTE7113 Datasheet HTML 2Page - NTE Electronics

NTE7113 Product details

Description:
The NTE7113 is an integrated circuit in a 16−Lead Staggered SIP type package designed for use as a 14W (13.2V, 4Ω) output power amplifier. Stereo operation is enabled due to incorporating two BTL amplifiers. High reliability is obtained due to incorporating protectors. ON/OFF is enabled even if power is supplied to power supply terminal by applying stand−by circuit.

Features:
● High Output Power: 14W x 2
● Incorporates Protection Circuits:
    Temperature, Over−Voltage, VOUT − GND Short, VOUT − VCC Short
● Low Shock Noise fromm Power ON/OFF Operation
● Fewer External Components
● High Stable Operation




Similar Part No. - NTE7113

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7110 NTE-NTE7110 Datasheet
22Kb / 2P
   Integrated Circuit 3 Channel Analog Switch
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
   Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
NTE7116 NTE-NTE7116 Datasheet
37Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
More results


Similar Description - NTE7113

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
   Integrated Circuit Dual BTL 14W Audio Power Amplifier
logo
Panasonic Semiconductor
AN7174K PANASONIC-AN7174K Datasheet
86Kb / 5P
   Dual BTL 14W Audio Power Amplifier Circuit
logo
Fujitsu Component Limit...
MB3730A FUJITSU-MB3730A Datasheet
220Kb / 6P
   14W BTL AUDIO POWER AMPLIFIER
MB3732 FUJITSU-MB3732 Datasheet
249Kb / 8P
   14W BTL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7171NK PANASONIC-AN7171NK Datasheet
82Kb / 4P
   Dual BTL 14W Audio Power Amplifier Circuits
logo
NTE Electronics
NTE1380 NTE-NTE1380 Datasheet
25Kb / 3P
   Integrated Circuit Audio Power Amplifier, 14W
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Hitachi Semiconductor
HA13117 HITACHI-HA13117 Datasheet
170Kb / 6P
   14W BTL Audio Power Ampillfier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
   Integrated Circuit BTL Audio Power Amplifier, 12W
logo
KEC(Korea Electronics)
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com