Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36P0R8070E0 Datasheet (PDF) - Numonyx B.V

M36P0R8070E0 Datasheet PDF - Numonyx B.V
Part # M36P0R8070E0
Download  M36P0R8070E0 Download

File Size   638.18 Kbytes
Page   22 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package

M36P0R8070E0 Datasheet (PDF)

Go To PDF Page Download Datasheet
M36P0R8070E0 Datasheet PDF - Numonyx B.V

Part # M36P0R8070E0
Download  M36P0R8070E0 Click to download

File Size   638.18 Kbytes
Page   22 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package

M36P0R8070E0 Datasheet (HTML) - Numonyx B.V

Back Button M36P0R8070E0 Datasheet HTML 1Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 2Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 3Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 4Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 5Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 6Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 7Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 8Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 9Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 10Page - Numonyx B.V Next Button 

M36P0R8070E0 Product details

Description
The M36P0R8070E0 combines two memories in a multichip package:
● 256-Mbit multiple bank Flash memory (the M58PR256J)
● 128-Mbit PSRAM (the M69KB128AA).
This datasheet should be read in conjunction with the M58PR256J and M69KB128AA datasheets, which are available from your local Numonyx distributor.
Recommended operating conditions do not allow more than one memory to be active at the same time.
The memory is offered in a stacked TFBGA107 package, and it is supplied with all the bits erased (set to ‘1’).

Features
■ Multichip package
    – 1 die of 256 Mbit (16 Mb x 16, multiple bank, multilevel, burst) Flash memory
    – 1 die of 128 Mbit (8 Mb x16) PSRAM
■ Supply voltage
    – VDDF = VCCP = VDDQ = 1.7 to 1.95 V
    – VPPF = 9 V for fast program (12 V tolerant)
■ Electronic signature
    – Manufacturer code: 20h
    – Device code: 8818
■ Package
    – ECOPACK®

Flash memory
■ Synchronous/asynchronous read
    – Synchronous burst read mode: 108 MHz, 66 MHz
    – Asynchronous page read mode
    – Random access: 93 ns
■ Programming time
    – 4 µs typical Word program time using Buffer Enhanced Factory Program command
■ Memory organization
    – Multiple bank memory array: 32 Mbit banks
    – Four EFA (extended flash array) blocks of 64 Kbits
■ Dual operations
    – Program/erase in one bank while read in others
    – No delay between read and write operations
■ Security
    – 64bit unique device number
    – 2112 bit user programmable OTP Cells
■ 100 000 program/erase cycles per block
■ Block locking
    – All blocks locked at power-up
    – Any combination of blocks can be locked with zero latency
    – WPF for block lock-down
    – Absolute write protection with VPPF = VSS
■ CFI (common Flash interface)

PSRAM
■ Access time: 70 ns
■ Asynchronous page read
    – Page size: 4, 8 or 16 words
    – Subsequent read within page: 20 ns
■ Synchronous burst read/write
■ Low power consumption
    – Active current: < 25 mA
    – Standby current: 200 µA
    – Deep power-down current: 10 µA
■ Low power features
    – PASR (partial array self refresh)
    – DPD (deep power-down) mode




Similar Part No. - M36P0R8070E0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0ZACE STMICROELECTRONICS-M36P0R9060E0ZACE Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0ZACE NUMONYX-M36P0R9060E0ZACE Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0ZACF STMICROELECTRONICS-M36P0R9060E0ZACF Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Similar Description - M36P0R8070E0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36L0R7060T1 NUMONYX-M36L0R7060T1 Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M36L0R7060T1 STMICROELECTRONICS-M36L0R7060T1 Datasheet
221Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M39P0R9080E4 NUMONYX-M39P0R9080E4 Datasheet
466Kb / 23P
   512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com