Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WG12864E Datasheet (PDF) - List of Unclassifed Manufacturers

WG12864E Datasheet PDF - List of Unclassifed Manufacturers
Part # WG12864E
Download  WG12864E Download

File Size   296.75 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SPECIFICATION FOR LCD MODULE

WG12864E Datasheet (PDF)

Go To PDF Page Download Datasheet
WG12864E Datasheet PDF - List of Unclassifed Manufacturers

Part # WG12864E
Download  WG12864E Click to download

File Size   296.75 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SPECIFICATION FOR LCD MODULE

WG12864E Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button WG12864E Datasheet HTML 1Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 2Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 3Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 4Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 5Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 6Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 7Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 8Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 9Page - List of Unclassifed Manufacturers WG12864E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

WG12864E Product details

[WINCOM ELECTRONICS CO., LTD]

General Specifications:
1.1 Display type: STN
1.2 Display color*1:
      Display color: Blue-Black
      Background*2: Grey
1.3 Polarizer mode: Transflective/Positive
1.4 Viewing Angle: 6:00
1.5 Driving Method: 1/64 Duty 1/9 Bias
1.6 Lcd operating voltage: 8.5V
1.7 Vdd: 3.0V OR 5.0 V
1.8 Backlight: EL
1.9 Controller: KS0107
1.10 Data Transfer: 8 Bit Parallel
1.11 Operating Temperature: -20----+60°C
        Storage Temperature: -30----+70°C
1.12 Outline Dimensions: Refer to outline drawing on next page
1.13 Dot Matrix: 128 X 64 Dots
1.14 Dot Size: 0.28X0.35(mm)
1.15 Dot Pitch: 0.32X0.39 (mm)
1.16 Weight: 60g

*1 Color tone is slightly changed by temperature and driving voltage.
*2 Color tone will be changed by backlight.



Similar Part No. - WG12864E

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
WG12864A ETC-WG12864A Datasheet
271Kb / 1P
   WINSTAR Professional LCD Module Manufacture
WG12864B ETC-WG12864B Datasheet
612Kb / 1P
   WINSTAR Professional LCD Module Manufacture
WG12864C ETC-WG12864C Datasheet
292Kb / 1P
   LCD MODULE GRAPHIC 128 X 64 DOTS
WG12864D ETC-WG12864D Datasheet
536Kb / 1P
   Graphic
WG12864F ETC1-WG12864F Datasheet
166Kb / 1P
   Graphic 128 x 64 dots
More results

Similar Description - WG12864E

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TM162ABCW6-2 ETC2-TM162ABCW6-2 Datasheet
546Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM82ABCW6 ETC1-TM82ABCW6 Datasheet
405Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM161ABC6 ETC1-TM161ABC6 Datasheet
390Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM161AFFU6 ETC1-TM161AFFU6 Datasheet
415Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM161EBC6-1 ETC1-TM161EBC6-1 Datasheet
452Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM161FBCW6 ETC1-TM161FBCW6 Datasheet
410Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM161FCA6 ETC1-TM161FCA6 Datasheet
440Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM402GFF8 ETC-TM402GFF8 Datasheet
261Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM11264JCCWG ETC2-TM11264JCCWG Datasheet
292Kb / 23P
   SPECIFICATION FOR LCD MODULE
TM82AACW6 ETC1-TM82AACW6 Datasheet
419Kb / 22P
   SPECIFICATION FOR LCD MODULE
TM161BFF6 ETC1-TM161BFF6 Datasheet
387Kb / 23P
   SPECIFICATION FOR LCD MODULE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com