Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7165 Datasheet (PDF) - NTE Electronics

NTE7165 Datasheet PDF - NTE Electronics
Part # NTE7165
Download  NTE7165 Download
File Size   31.56 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers

NTE7165 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7165 Datasheet PDF - NTE Electronics

Part # NTE7165
Download  NTE7165 Click to download

File Size   31.56 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers

NTE7165 Datasheet (HTML) - NTE Electronics


NTE7165 Product details

Description:
The NTE7165 is a monolithic integrated circuit in a 15-Lead Staggered SIP type package designed for use as an audio class AB amplifier in Hi-Fi field applications (Home Stereo, self-powered loud speakers, Top-Class TV). Thanks to the wide voltage range and to the high output current cazpability it is able to supply the highest power into both 4Ω and 8Ω loads even in the presence of poor supply regulation, with high Supply Voltage Rejection. The built-in muting function with turn-on delay simplifies the remote operation avoiding switching ON/OFF noises.

Features:
● Very High Operating Voltage Range
● DMOS Power Stage
● High Output Power (Up To 100W Music Power)
● Muting/Stand-By Functions
● No Switch ON/OFF Noise
● No Boucherot Cells
● Very Low Distortion
● Very Low Noise
● Short Circuit Protection
● Thermal Shutdown




Similar Part No. - NTE7165

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7160 NTE-NTE7160 Datasheet
30Kb / 2P
Integrated Circuit Video Switch
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
Double−Balanced Mixer & Oscillator
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
Integrated Circuit Flyback Switching Regulator
More results


Similar Description - NTE7165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
logo
NTE Electronics
NTE7186 NTE-NTE7186 Datasheet
87Kb / 3P
Integrated Circuit DMOS Audio Amplifier, 100W with Mute/Stand−By
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
FOR USB SELF-POWERED DEVICES
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com