Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4365EUA+ Datasheet (PDF) - Analog Devices

MAX4365EUA+ Datasheet PDF - Analog Devices
Part # MAX4365EUA+
Download  MAX4365EUA+ Download
File Size   2699.55 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown

MAX4365EUA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4365EUA+ Datasheet PDF - Analog Devices

Part # MAX4365EUA+
Download  MAX4365EUA+ Click to download

File Size   2699.55 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown

MAX4365EUA+ Datasheet (HTML) - Analog Devices


MAX4365EUA+ Product details

Features
●●1.4W into 8Ω Load (MAX4364)
●●1W into 8Ω Load (MAX4365)
●●0.04% THD+N at 1kHz
●●68dB PSRR at 217Hz
●●2.7V to 5.5V Single-Supply Operation
●●5mA Supply Current
●●Low-Power, 10nA Shutdown Mode
●●Pin Compatible with the LM4861/LM4862/LM4864 (MAX4364)
●●Clickless Power-Up and Shutdown
●●Thermal-Overload and Short-Circuit Protection
●●Available in TDFN, μMAX, and SO Packages




Similar Part No. - MAX4365EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4365EUA+ MAXIM-MAX4365EUA+ Datasheet
2Mb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results


Similar Description - MAX4365EUA+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com