Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4081TASA+ Datasheet (PDF) - Analog Devices

MAX4081TASA+ Datasheet PDF - Analog Devices
Part # MAX4081TASA+
Download  MAX4081TASA+ Download
File Size   1610.5 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 76V, High-Side, Current-Sense Amplifiers with Voltage Output

MAX4081TASA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4081TASA+ Datasheet PDF - Analog Devices

Part # MAX4081TASA+
Download  MAX4081TASA+ Click to download

File Size   1610.5 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 76V, High-Side, Current-Sense Amplifiers with Voltage Output

MAX4081TASA+ Datasheet (HTML) - Analog Devices


MAX4081TASA+ Product details

Features
● Ideal for High-Voltage Current Monitoring Applications
• Wide 4.5V to 76V Input Common-Mode Range
• Independent Operating Supply Voltage
● High Accuracy and Low Quiescent Current Support
Precision Application Requirements
• ±0.1% Full-Scale Accuracy
• Low 100μV Input Offset Voltage
• Three Gain Versions Available
- 5V/V (MAX4080F/MAX4081F)
- 20V/V (MAX4080T/MAX4081T)
- 60V/V (MAX4080S/MAX4081S)
• 75μA Supply Current (MAX4080)
● Flexible Current Sensing Supports Monitoring of
Charge and Discharge of Batteries
• Bidirectional (MAX4081) or Unidirectional
(MAX4080) ISENSE
• Reference Input for Bidirectional OUT (MAX4081)
● Minimizes Required Board Space
• 8-Pin μMAX Package




Similar Part No. - MAX4081TASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4081TASA+ MAXIM-MAX4081TASA+ Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
More results


Similar Description - MAX4081TASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com